Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1BRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4622-1BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1BRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4622-1BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 11 of 34
1
2
3
4
–IN A
+IN A
V–
OUT A
8
7
6
5
OUT B
–IN B
+IN B
V+
ADA4622-2
(Not to Scale)
TOP VIEW
Figure 5. 8-Lead MSOP Pin Configuration, ADA4622-2
1
2
3
4
8
7
6
5
ADA4622-2
(Not to Scale)
TOP VIEW
–IN A
+IN A
V–
OUT A
OUT B
–IN B
+IN B
V+
Figure 6. 8-Lead SOIC Pin Configuration, ADA4622-2
Table 8. 8-Lead MSOP and 8-Lead SOIC Pin Function Descriptions, ADA4622-2
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A
2
−IN A
Inverting Input, Channel A
3
+IN A
Noninverting Input, Channel A
4
V−
Negative Supply Voltage
5
+IN B
Noninverting Input, Channel B
6
−IN B
Inverting Input, Channel B
7
OUT B
Output, Channel B
8
V+
Positive Supply Voltage
3
+IN A
4
V–
1
OUT A
NOTES
1. IT IS RECOMMENDED TO CONNECT THE
EXPOSED PAD TO THE V+ PIN.
2
–IN A
6–IN B
5 +IN B
8V+
7OUT B
ADA4622-2
TOP VIEW
(Not to Scale)
Figure 7. 8-Lead LFCSP Pin Configuration, ADA4622-2
Table 9. 8-Lead LFCSP Pin Function Descriptions, ADA4622-2
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A.
2
−IN A
Inverting Input, Channel A.
3
+IN A
Noninverting Input, Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input, Channel B.
6
−IN B
Inverting Input, Channel B.
7
OUT B
Output, Channel B.
8
V+
Positive Supply Voltage.
EPAD
Exposed Pad. It is recommended to connect the exposed pad to the V+ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com