Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1BRZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4622-1BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1BRZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4622-1BRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 21Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 22Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 23Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 24Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 21 of 34
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
–20
–16
–12
–8
–4
0
4
8
0123
45678
9
10
TIME (µs)
VSY = ±5V
VIN = ±4V
Figure 62. Positive Settling Time, AV = −10, VSY = ±5 V
–0.01
0.01
0
0.02
0.04
0.03
0.05
–12
–10
–8
–2
–4
–6
0
012
34
56
78
9
10
TIME (µs)
VSY = 5V
VIN = –0.5V TO –4.5V
Figure 63. Positive Settling Time, AV = −10, VSY = 5 V
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
–25
–20
–15
–10
–5
0
5
10
0
1234
567
89
10
TIME (µs)
VSY = ±15V
VIN = ±5V
Figure 64. Negative Setting Time, AV = −10, VSY = ±15 V
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
–20
–16
–12
–8
–4
0
4
80
0
1234
567
89
10
TIME (µs)
VSY = ±5V
VIN = ±4V
Figure 65. Negative Setting Time, AV = −10, VSY = ±5 V
–0.04
–0.02
–0.03
–0.01
0.01
0
0.02
–12
–10
–8
–2
–4
–6
0
0123
45678
9
10
TIME (µs)
VSY = 5V
VIN = –0.5V TO –4.5V
Figure 66. Negative Setting Time, AV = −10, VSY = 5 V
FREQUENCY (Hz)
VSY = ±15V
Figure 67. Voltage Noise Density, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com