Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4622-2ACPZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4622-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 4 of 34
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±4 V to ±18 V
87
103
dB
−40°C < TA < +125°C
81
dB
Supply Current per Amplifier
ISY
ADA4622-1
715
750
µA
−40°C < TA < +125°C
775
µA
ADA4622-2
665
700
µA
−40°C < TA < +125°C
725
µA
Shutdown Current
ADA4622-1 only
60
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
VOUT = ±12.5 V, RL = 2 kΩ,
load capacitor (CL) = 100 pF, AV = 1
Low to high transition
23
V/µs
High to low transition
−18
V/µs
Gain Bandwidth Product
GBP
AV = 100, CL = 35 pF
8
MHz
Unity-Gain Crossover
UGC
AV = 1
7
MHz
−3 dB Bandwidth
−3 dB
AV = 1
15.5
MHz
Phase Margin
ФM
53
Degrees
Settling Time
tS
Input voltage (VIN) = 10 V step, RL = 2 kΩ,
CL = 15 pF, AV = −1
To 0.1%
1.5
µs
To 0.01%
2
µs
EMI REJECTION RATIO
EMIRR
VIN = 100 mV p-p
f = 1000 MHz
90
dB
f = 2400 MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
0.75
µV p-p
Voltage Noise Density
eN
f = 10 Hz
30
nV/√Hz
f = 100 Hz
15
nV/√Hz
f = 1 kHz
12.5
nV/√Hz
f = 10 kHz
12
nV/√Hz
Current Noise Density
iN
f = 1 kHz
0.8
fA/√Hz
Total Harmonic Distortion + Noise
THD + N
AV = 1, f = 10 Hz to 20 kHz,
VIN = 7 V rms at 1 kHz
Bandwidth (BW) = 80 kHz
0.0003
%
BW = 500 kHz
0.00035
%
MATCHING SPECIFICATIONS
Maximum Offset Voltage over
Temperature
0.5
mV
Offset Voltage Temperature Drift
2.5
µV/°C
Input Bias Current
0.5
5
pA
CROSSTALK
CS
RL = 5 kΩ, VIN = 20 V p-p
f = 1 kHz
−112
dB
f = 100 kHz
−72
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com