Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4622-2ACPZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4622-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4622-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 13 of 34
–1000
–500
0
500
1000
–15
–10
–5
0
5
10
15
VCM (V)
VSY = ±15V
Figure 14. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM), VSY = ±15 V
–1000
–500
0
500
1000
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
VSY = ±5V
Figure 15. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM), VSY = ±5 V
–1000
–500
0
500
1000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCM (V)
VSY = 5V
Figure 16. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM), VSY = 5 V
IB (pA)
VCM = 0V
VOUT = 0V
VSY = ±15V
Figure 17. Input Bias Current (IB) Distribution, VSY = ±15 V
IB (pA)
VCM = 0V
VOUT = 0V
VSY = ±5V
Figure 18. Input Bias Current (IB) Distribution, VSY = ±5 V
IB (pA)
VCM = 0V
VSY = 5V
VOUT = 2.5V
Figure 19. Input Bias Current (IB) Distribution, VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com