Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9638BCEA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9638BCEA
Description  Monochrome CMOS Image Sensor SXGA 18 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9638BCEA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9638BCEA Datasheet HTML 1Page - National Semiconductor (TI) LM9638BCEA Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ã2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9638 Monochrome CMOS Image Sensor SXGA 18 FPS
General Description
The LM9638 is a high performance, low power, 1/2" SXGA
CMOS Active Pixel Sensor capable of capturing monochrome
still or motion images and converting them to a digital data
stream.
Mega-pixel class image quality is achieved by integrating a high
performance analog signal processor comprising of a high
speed 10 bit A/D convertor, fixed pattern noise elimination cir-
cuits and a programmable gain amplifier. The offset and black
level can be automatically adjusted on chip using a full loop
black level compensation circuit.
Furthermore, a programmable smart timing and control circuit
allowing the user maximum flexibility in adjusting integration
time, active window size, gain, frame rate. Various control, tim-
ing and power modes are also provided.
Features
f
Video and snapshot operation
f
Progressive scan read out with horizontal and vertical flip
f
Programmable Exposure:
- Master clock divider
- Inter row delay
- Inter frame delay
- Partial frame integration
f
Programmable gain amplifier
f
Full automatic servo loop for black level & offset adjustment
on each gain channel
f
Horizontal & vertical sub-sampling (2:1 & 4:2) with averaging
f
Windowing
f
Programmable pixel clock, inter-frame and inter-line delays
f
I2C compatible serial control interface
f
Power on reset & power down mode
Applications
f
Security Camera
f
Machine Vision
f
Barcode Scanner
f
Biometrics
Key Specifications
Array Format
Total: 1032 x 1312
Active: 1032 x 1288
Effective Image Area
Total: 6.30mm x 7.83mm
Active: 6.27mm x 7.81mm
Optical Format
1/2"
Pixel Size
6.0mm x 6.0mm
Video Outputs
8 & 10 Bit Digital
Frame Rate
18 frames per second
Dynamic Range
57 dB
Shutter
Rolling reset
FPN
0.5%
PRMU
1.7%
Sensitivity
2.40 volts/lux.s
Fill Factor
49%
Micro Lens
none
Package
48 LCC
Single Supply
3.0V +/- 10%
Power Consumption
150mW
Operating Temp
-10oC to 50oC
Overall Chip Block Diagram
Column CDS
Amp
d[9:0]
pclk
hsync
vsync
10 bit A/D
snapshot
extsync
APS Array
I2C Compatible
Serial I/F
Register
Bank
sclk sda
sadr
POR
Power
clk gen
Control
mclk
pwd
resetb
Master Sensor Controller
+/-
May 2002


Similar Part No. - LM9638BCEA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630BIEA NSC-LM9630BIEA Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630EVAL-KIT NSC-LM9630EVAL-KIT Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630HEADBOARD NSC-LM9630HEADBOARD Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630SAMPLE-KIT NSC-LM9630SAMPLE-KIT Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
More results

Similar Description - LM9638BCEA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
logo
Samsung semiconductor
S5K3A1EA SAMSUNG-S5K3A1EA Datasheet
327Kb / 34P
(1/3??SXGA CMOS Image Sensor)
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com