Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-1121 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADCS-1121 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADCS-1121
Download  ADCS-1121 Download
File Size   92.65 Kbytes
Page   2 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CMOS Monochrome Image Sensors

ADCS-1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCS-1121 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADCS-1121
Download  ADCS-1121 Click to download

File Size   92.65 Kbytes
Page   2 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CMOS Monochrome Image Sensors

ADCS-1121 Datasheet (HTML) - Agilent(Hewlett-Packard)


ADCS-1121 Product details

Description
The ADCS-1121 and ADCS-2121 CMOS Monochrome Image Sensors capture high quality, low noise images while consuming very low power. Housed in a new industry-standard Ceramic Leadless Chip Carrier (CLCC) packaging, these parts integrate a highly sensitive active pixel photodiode array with timing control and onboard A/D conversion. Available in either VGA (640x480) or CIF (352x288) resolution image arrays, the devices are ideally suited for a wide variety of applications.

Features
• High quality, low cost CMOS image sensors
• Industry-standard 32-pin CLCC package
• VGA resolution (640H x 480V)– ADCS-2121
• CIF resolution (352H x 288V)– ADCS-1121
• High frame rates for digital video VGA: 15 frames/second CIF: 30 frames/second
• High sensitivity, low noise design ideal for capturing high-quality images in a variety of lighting conditions
• Integrated analog-to-digital converters: VGA (ADCS-2121): 10 bit, programmable CIF (ADCS-1121): 8 bit, fixed
• Parallel and serial output
• Automated, dark response compensation
• Automatic subtraction of column fixed pattern noise
• Still image capability
• Synchronous serial or UART interface
• Integrated voltage references

Typical Applications
• Bar code scanner
• Biometrics
• Machine vision
• Optical character recognition
• Surveillance




Similar Part No. - ADCS-1121

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1120 HP-ADCS-1120 Datasheet
106Kb / 3P
Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
More results


Similar Description - ADCS-1121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
Monochrome Analog Output CMOS Image Sensors
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1120 HP-ADCS-1120 Datasheet
106Kb / 3P
Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com