Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-1120 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADCS-1120 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADCS-1120
Download  ADCS-1120 Download
File Size   106.22 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120

ADCS-1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCS-1120 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADCS-1120
Download  ADCS-1120 Click to download

File Size   106.22 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120

ADCS-1120 Datasheet (HTML) - Agilent(Hewlett-Packard)


ADCS-1120 Product details

Description
The ADCS-1120 and ADCS-2120 CMOS Image Sensors capture high quality images while consuming very low power. These parts integrate a highly sensitive active pixel photodiode array with timing control and onboard A/D conversion. Available in either VGA (640x480) or CIF (352x288) resolution image arrays, the devices are ideally suited for low light environment.

Features
• High quality, low cost CMOS Image Sensors
    VGA resolution (640H x 480V) – ADCS-2120
    CIF resolution (352H x 288V) – ADCS-1120
• High frame rates for digital video
    VGA: 15 frames/second
    CIF: 30 frames/second
• High sensitivity, low noise design–Ideal for capturing high-quality images in a wide variety of lighting conditions
• Integrated Analog-to-Digital Converters
    VGA (ADCS-2120): 10 bit, programmable
    CIF (ADCS-1120): 8 bit, fixed
• Parallel and serial output
• Synchronous serial or UART interface
• Automated, dark response compensation
• Still image capability

Typical Applications
• Biometrics
• Surveillance
• Machine vision
• Bar code scanners




Similar Part No. - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
More results


Similar Description - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
Monochrome Analog Output CMOS Image Sensors
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
logo
Texas Instruments
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
MSPS ADCs With DDR LVDS and CMOS Outputs
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com