Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet (PDF) - STMicroelectronics

VV5430 Datasheet PDF - STMicroelectronics
Part # VV5430
Download  VV5430 Download
File Size   289.15 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monochrome Analog Output CMOS Image Sensors

VV5430 Datasheet (PDF)

Go To PDF Page Download Datasheet
VV5430 Datasheet PDF - STMicroelectronics

Part # VV5430
Download  VV5430 Click to download

File Size   289.15 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monochrome Analog Output CMOS Image Sensors

VV5430 Datasheet (HTML) - STMicroelectronics


VV5430 Product details

DESCRIPTION
The VV5430 is a highly-integrated VLSI camera device based on the unique CMOS sensor technology from STMicroelectronics. It delivers a fully-formatted composite monochrome video signal. Standards options include EIA (320 x 244) and CCIR (384 x 287).
It is possible to develop a single chip video camera using this device that requires only supply voltage in, and delivers composite video out for connection to a video monitor.
The integrated 75Ω driver eliminates the need for additional active components to drive standard loads, including double terminated lines.

KEY FEATURES
• Complete Video Camera on a single chip
• Minimal support circuit
• EIA/CCIR standard compatible options
• Low power operation - single voltage supply
• Integral 75 ohm driver
• 384 x 287 pixel array
• Automatic exposure and gain control
• Linear or gamma corrected output option
• Automatic black level calibration
• Serial Interface Control
• Frame and line timing signals for external ADC

APPLICATIONS
• Security/Observation systems
• Biometric identification
• Toys and games
• Digital Image capture systems




Similar Part No. - VV5430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VV5430 ETC-VV5430 Datasheet
288Kb / 32P
Integrated CMOS Image Sensor with support for ADC and external control via serial interface
More results


Similar Description - VV5430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
List of Unclassifed Man...
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1120 HP-ADCS-1120 Datasheet
106Kb / 3P
Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com