Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics VV5430 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Video Standards
VV5430
CD5430F-A
10/33
4.
Video Standards
The VV5430 has 2 different video format modes, producing CCIR or EIA standard composite Monochrome video output. Line
standards and frequencies are as follows:
4.1
Video Signal Characteristics
The following table summarises the composite video output levels (AVO) for the two standards, which are graphically illustrated
on the following pages:
Note: All measurements are made with AVO driving one 75
Ω load.
Video Mode
Format
Image (Pixels)
Crystal Frequency
CCIR pin
CCIR
4:3
384 x 287
14.7456 MHz
1
EIA
4:3
320 x 243
12.0000 MHz
0
Table 7 : VV5430 Video Modes
Symb
ol
Parameter
Min.
Typ
.
Max.
Unit
s
Notes
VSync
CCIR, EIA Sync. level
0.3
V
Vblank
CCIR, EIA Blanking level
0.9
V
DC reference level
Vblack
CCIR Black level
0.9
V
EIA Black level
1.0
V
VSat
CCIR Saturation level
2.3
V
Peak White; AVO
clipped at this level
EIA Saturation level
2.4
V
Table 8 : Video Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com