Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VV5430
Device Details
CD5430F-A
9/33
Key:
OA- Analogue output
IA -
Analogue input
OD- Digital output
ID -
Digital input
OD
↓-Digital output with internal pull-down
ID
↑ - Digital input with internal pull-up
BI - Bidirectional
30
LST
OD
Line start. Active high pulse (start of active video lines).
32
PV
OD
Pixel sample clock. Qualifies video output for external image capture.
33
PVB
OD
Pixel sample clock bar. Inverse of PV.
35
CPE
ID
↓
Pixel sample clock enable. Default CPE = 0 i.e. PV/PVB disabled.
36
FST
OD
Field start. Synchronises external image capture.
37
ODD
OD
Odd/even field signal. (ODD = 1 for odd fields, ODD = 0 for even)
DIGITAL CONTROL SIGNALS
16
SAB1
ID
↓
Higher bit of two least significant bits of device address on serial interface.
17
SIN
ID
↓
Used to reset video timing control logic without resetting any other part of
VV5430. Resets video logic on the falling edge of the SIN pulse.
18
SCE
ID
↓
Scan mode enable - only relevant to test mode.
19
LIN
ID
↓
Gamma corrected or Linear output. LIN = 0, gamma corrected output,
LIN = 1, linear output. Default is gamma. LIN = 0 can be overridden via serial
interface.
20
SAB0
ID
↓
Lower bit of two least significant bits of device address on serial interface.
21
AEC
ID
↑
Automatic exposure control. AEC = 1, auto exposure is enabled; AEC = 0 auto
exposure
and auto gain control are disabled. AEC = 1 can be overridden via
serial interface.
22
AGC
ID
↑
Automatic gain control enable. AGC = 1, auto-gain is enabled (if AEC = 1);
AGC = 0, auto-gain is disabled. AGC can be overridden via serial interface.
23
CCIR
ID
↑
Select default video mode for power-on. CCIR = 1 for CCIR video. EIA video
mode is selected when CCIR = 0. Default is CCIR if unconnected
28
BKLIT
ID
↓
Normal or Backlit exposure control mode. BKLIT = 0, normal mode. BKLIT = 1,
backlit mode. Default is normal. BKLIT state can be overridden via serial inter-
face. See Exposure Control for details.
29
RESETB
ID
↑
Active low camera reset. All camera systems are reset to power-on state.
38
SCI
ID
↓
Scan chain input - only relevant to test mode.
39
SCL
ID
↑
Serial bus clock (input only). Must be generated by comms. host.
40
SDA
BI
↑
Serial bus data (bidirectional, open drain).
Pin
Signal
Name
Typ
e
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com