Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics VV5430 Datasheet HTML 29Page - STMicroelectronics VV5430 Datasheet HTML 30Page - STMicroelectronics VV5430 Datasheet HTML 31Page - STMicroelectronics VV5430 Datasheet HTML 32Page - STMicroelectronics VV5430 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
VV5430
Example Support Circuit
CD5430F-A
31/33
11. Example Support Circuit
REG1
0v
+7 to +12v dc
X1
AVCC AVDD
VDD2
VDD1
DVSS
VSS1
VSS2
SAB0
BKLIT
LIN
AGC
VBG
RESETB
VRT
VBLOOM
VCM
CKIN
CKOUT
DEC2V2
VOFF/VPED
SDA
SCL
VBLTW
SIN
ODD
PV
PVB
FST
AVO
8
1
2, 3, 6, 7
C1
C2
C3
C4
C7
AVSS
AVD
VDD
IC1
SCL
SDA
EVWT
29
34
25
26
1
44
45
9
7
3
14
43
2
4
46
20
17
27
C14
C13
C12
C11
C9
C8
R3
R4
(48 pin LCC)
DVDD
41
VVDD
13
36
33
32
AEC
VDD
21
19
22
28
39
40
VREF2V7
37
EBCK
AMP1
12
8
11
AMP2
AGND
VGND
24
31
42
10
48
15
MONITOR
47
C10
C17
C18
C19
C6
C5
DNC
DEC2V7
5
CCIR
SAB1
16
18
23
30
SCI
LST
SCE
38
CPE
35
VDD
C15
6
C16
R1
R2
Component
Value
IC1
VV5430
REG1
LM78L05
C1,C2
0.22 µF
C3
68 µF
(6V Tant.)
C4 - C9,C13,
0.1 µF
C15 - C19
C10
4.7µF
C11, C12
10 pF
C14
100pF
R1
5R6
R2
10R
R3
10M
R4
75R
Use Surface Mount components
1. Keep nodes Supply and Ground pins low impedance and independent
2. Video output should be referred to VGND.
3. Keep circuit components close to chip pins (especially de-coupling capacitors)
throughout.
R5
VV5430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com