Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 3Page - STMicroelectronics VV5430 Datasheet HTML 4Page - STMicroelectronics VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VV5430
Device Details
CD5430F-A
7/33
3.
Device Details
3.1
Package Details
3.2
Pinout Diagram
0.51
TYP
1.56 TYP
2.16
PIN 1
1.016 PITCH TYP
Viewed from below
0.90min, 1.12max
0.5min, 0.6max
Glass Lid
Base
Viewed from side
Die
13.7
The optical array is centred within the package to a
tolerance of ± 0.2 mm, and rotated no more than ± 0.5o
Unless otherwise stated, tolerances on package
dimensions ±10%
Glass lid placement is controlled so that no package
overhang exists.
All dimensions in millimetres
Refractive index of glass approx 1.52
12
34
56
43 44 45 46 47 48
18
17
16
15
14
13
12
11
10
9
8
7
24 23 22 21 20 19
30 29 28 27 26 25
31
32
33
34
35
36
37
38
39
40
41
42
SCE
EBCK
VVDD
AVO
VGND
SAB1
SIN
AMP2
AVDD
EVWT
AVSS
AMP1
VSS
VDD
FST
CPE
VDD
PVB
PV
ODD
VSS
SDA
SCL
SCI
Viewed from top of package
48 Pin LCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com