Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 18Page - STMicroelectronics VV5430 Datasheet HTML 19Page - STMicroelectronics VV5430 Datasheet HTML 20Page - STMicroelectronics VV5430 Datasheet HTML 21Page - STMicroelectronics VV5430 Datasheet HTML 22Page - STMicroelectronics VV5430 Datasheet HTML 23Page - STMicroelectronics VV5430 Datasheet HTML 24Page - STMicroelectronics VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Read data from camera
VV5430
CD5430F-A
22/33
9.
Read data from camera
Information describing the current configuration and the current exposure values can be read from the camera. The data is
formed into four bytes of 8 bits. Each pair of bytes is considered to be a data word and is read out msb first.
Figure 9 : Read Data Format
The following tables defines the information contained in the read messages. By default, the Primary Read Data is accessed;
only if a Secondary Read Select bit is set in Setup Code_2 (header code 0010) is the Secondary information read.
S
R/
W
AA
A
A
A
P
ADDRESS[7:1]
DATA[31:24]
DATA[23:16]
DATA[15:8]
DATA[7:0]
Read = 1
Camera acknowledge (valid address)
Master acknowledge
Master acknowledge
0 0 1 0 0 x x 1
Primary Read Data:
Bit
Function
31 - 23
Coarse Exposure Value (9 bits)
22 - 14
Fine Exposure Value (9 bits)
13 - 10
Gain Value (4 bits)
9
Auto Exposure Control on/off
8
Internal Black Calibration on/off
7
Auto Gain Control on/off
6
Gamma or Linear Video Output
5
Normal or Backlit mode1
4
Undefined
3 - 0
Camera Type ID Code (4 bits)
1. Bit 5 of the Primary Read message only reflects the state
of the BKLIT pin, not the combined result of the pin and
the serial interface BKLIT control bit.
Secondary Read Data:
Bit
Function
31 - 18
Undefined
17
Black Level monitor in progress
16 - 0
White Pixel count (17 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com