Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics VV5430 Datasheet HTML 14Page - STMicroelectronics VV5430 Datasheet HTML 15Page - STMicroelectronics VV5430 Datasheet HTML 16Page - STMicroelectronics VV5430 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VV5430
Control Signals for Image Digitisation
CD5430F-A
13/33
5.
Control Signals for Image Digitisation
The VV5430 sensor can be used with an Analog-to-Digital Converter (ADC) and the necessary logic to form an image capture
and processing system. The camera provides an analogue video output together with digital signals to qualify this output and
synchronise image capture.
The signals provided for image capture are the following:-
• PV,PVB: (Pixel Valid, PV Bar) Complementary signals, their leading edges qualify valid pixel levels.
• LST: (Line STart) The rising edge signals the start of a visible line.
• FST: (Field STart) The rising edge signals the start of a field.
• ODD: Identifies an odd field within a frame.
• CPE (Clock Pulse Enable): Disables generation of PV/PVB and LST signals. The state of this pin is sampled
only during a system reset. Its state after reset can be overridden via the serial interface using Set-up Code_2.
The following diagram illustrates the relative timing of the image capture signals. Scale is not actual but edge succession is
preserved.
Figure 6 : Frame Capture signal timing
LST
AVO
PV
PVB
FST
ODD
Tfst
Tlst
Tfield
Tline
Tblank
Tporch
Tpv
Todd
Tphd
Tpsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com