Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics VV5430 Datasheet HTML 29Page - STMicroelectronics VV5430 Datasheet HTML 30Page - STMicroelectronics VV5430 Datasheet HTML 31Page - STMicroelectronics VV5430 Datasheet HTML 32Page - STMicroelectronics VV5430 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
VV5430
Write to Camera
CD5430F-A
29/33
Analogue Control Register
Header Code = 1010
Valid data bits: 10
A number of parameters that are used to define internal operations can be altered by the serial interface:
Note: The Threshold Level above which a pixel is deemed to be WHITE is set via the serial interface, Header Codes
1001 and 1000 (Upper and Lower Exposure Control Thresholds).
Bit
Function
Default
Comments
0
Internal
1
Must be set(=1) for normal op.
1
Internal
0
Must be 0 for normal op.
2
Internal
0
Must be 0 for normal op.
3
Disable anti-blooming protection
0
4
Internal
0
Must be 0 for normal op.
5
Internal
0
Must be 0 for normal op.
6
Enable external black reference
0
7
Enable external white threshold
0
8
Internal
0
Must be 0 for normal op.
9
Enable binarisation of AVO output
0
AVO output level is either VBLACK
or VWHITE for each pixel (see
Note)l
Table 22 : Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com