Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 17Page - STMicroelectronics VV5430 Datasheet HTML 18Page - STMicroelectronics VV5430 Datasheet HTML 19Page - STMicroelectronics VV5430 Datasheet HTML 20Page - STMicroelectronics VV5430 Datasheet HTML 21Page - STMicroelectronics VV5430 Datasheet HTML 22Page - STMicroelectronics VV5430 Datasheet HTML 23Page - STMicroelectronics VV5430 Datasheet HTML 24Page - STMicroelectronics VV5430 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VV5430
Serial Communication
CD5430F-A
21/33
Table 13 : Serial Interface Timing Characteristics
Parameter
Symbol
Min.
Max.
Unit
SCL clock frequency
Fscl
0100
kHz
Bus free time between a
stop and a start
Tbuf
4.7
-
µs
Hold time for a repeated
start
Thd;sta
4.0
-
µs
LOW period of SCL
Tlo
4.7
-
µs
HIGH period of SCL
Thi
4.0
-
µs
Set-up time for a repeated
start
Tsu;sta
4.7
-
µs
Data hold time
Thd;dat
0
1
1. The VV5430 internally provides a hold time of at least 300ns for the SDA signal (referred
to the minimum input level (high) of the SCL signal) to bridge the undefined region of the
falling edge of SCL
-µs
Data Set-up time
Tsu;dat
250
-
ns
Rise time of SCL, SDA
Tr
-1000
ns
Fall time of SCL, SDA
Tf
-300
ns
Set-up time for a stop
Tsu;sto
4.0
-
µs
Capacitive load of each
bus line (SCL, SDA)
Cb
-100
pF
SDA
SCL
Thd;sta
Tr
Thi
Tf
Tsu;dat
Thd;dat
Tsu;sta
Tsu;sto
...
...
Thd;sta
Tlo
Tbuf
stop
start
stop
start
Note: All values referred to the minimum input level (high) = 3.5V, and maximum input level (low) = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com