Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV5430 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 5 Page - STMicroelectronics

  VV5430 Datasheet HTML 1Page - STMicroelectronics VV5430 Datasheet HTML 2Page - STMicroelectronics VV5430 Datasheet HTML 3Page - STMicroelectronics VV5430 Datasheet HTML 4Page - STMicroelectronics VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
VV5430
Specifications
CD5430F-A
5/33
1. Pixel Clock = CKIN/2
2. Serial Interface clock must be generated by host processor.
1. Digital and Analogue outputs unloaded - add output current.
Note: Devices are normaly not 100% tested for the above characterisation parameters, other than Dark Current Signal.
Table 6 : Operating characteristics
Symbol
Parameter
Min
.
Typ.
Max.
Unit
s
Note
s
CKIN
EIA Crystal frequency
12.0000
MHz
1
CKIN
CCIR Crystal frequency
14.7456
MHz
1
SCL
Serial Data Clock
100
KHz
2
Table 4 : AC Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
s
Notes
IDCC
Digital supply current
10
mA
1
IADD
Analog supply current
25
mA
1
IDD
Overall supply current
35
mA
1
VREF2V7
Internal voltage reference
2.700
Volts
VBG
Internal bandgap reference
1.22
Volts
VOH
Output Voltage Logic “1”
2.4
Volts
IOH = 2mA
VOL
Output Voltage Logic “0”
0.6
Volts
IOL = -2mA
IILK
Input Leakage current
-1
µA
VIH on input
1
µA
VIL on input
Table 5 : Electrical Characteristics
Typical conditions, VDD = 5.0 V, TA = 27
oC
Parameter
min.
typ.
max.
units
Note
Dark Current Signal
50
mV/Sec
Modal pixel voltage due to photodiode leakage
under zero illumination with Gain=1
(Vdark = (Vt1 - Vt2)/(t1-t2), calculated over two dif-
ferent frames
Sensitivity
6
V/Lux·Sec
VAve/Lux·10ms, where Lux gives 50% saturation
with Gain=1 and Exposure=10ms
Min. Illumination
0.5
Lux
Minimum detectable illumination with Standard
CCIR clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com