Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV5116N Datasheet (PDF) - List of Unclassifed Manufacturers

OV5116N Datasheet PDF - List of Unclassifed Manufacturers
Part # OV5116N
Download  OV5116N Download
File Size   200.08 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT

OV5116N Datasheet (PDF)

Go To PDF Page Download Datasheet
OV5116N Datasheet PDF - List of Unclassifed Manufacturers

Part # OV5116N
Download  OV5116N Click to download

File Size   200.08 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT

OV5116N Datasheet (HTML) - List of Unclassifed Manufacturers


OV5116N Product details

[OMNIVISION]

General Description
The OV5116N is a complete black and white CMOS Video Camera chip. It conforms to EIA/NTSC (60 Hz) standards and outputs composite video capable of directly driving a 75Ω display device.
The on-chip auto exposure allows for a wide range of lighting conditions, eliminating the need for external mechanical shutter components. This, along with its single supply, low power consumption makes the OV5116N an incredibly versatile and cost-effective video camera perfect for the following types of applications:

Features
■ Single chip 1/4 inch format video image sensor
■ EIA/NTSC output
■ Selectable mirror image
■ Auto gain control (maximum + 18 dB)
■ High I.R. sensitivity for nighttime applications
■ Auto and manual backlight compensation mode
■ Gamma correction -On/Off
■ External frame sync capability
■ 40mw on-chip power consumption
■ External data acquisition support
■ Smear free
■ Auto level expanding
■ Optional edge enhancement

Applications
■ Security
■ Surveillance
■ Machine Vision
■ Process Control
■ CCTV
■ Infant Monitoring
■ Toys




Similar Part No. - OV5116N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV5017 ETC-OV5017 Datasheet
138Kb / 20P
Single chip 1/4 video image sensor
logo
OmniVision Technologies...
OV5620 OMNIVISION-OV5620 Datasheet
198Kb / 2P
advanced digital imaging and HD video
OV5640 OMNIVISION-OV5640 Datasheet
588Kb / 2P
OV5640 5-megapixel product brief
logo
Leopard Imaging Inc.
OV5640-AF LEOPARD-OV5640-AF Datasheet
1Mb / 11P
3D STEREO CAMERA
OV5640AF LEOPARD-OV5640AF Datasheet
1Mb / 11P
3D STEREO CAMERA
More results


Similar Description - OV5116N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
CCD Monochrome Video Camera Signal Processor IC
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
Single Chip Processing for CCD Monochrome Camera
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
logo
List of Unclassifed Man...
CH5101A ETC1-CH5101A Datasheet
132Kb / 32P
CMOS Monochrome Digital Video Camera
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
Monochrome Analog Output CMOS Image Sensors
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
Signal Processor for CCD Monochrome Camera
Ver1.0
AI5412 A1PROS-AI5412 Datasheet
224Kb / 20P
Timing Controller for CCD Monochrome Camera
Ver1.0
logo
OmniVision Technologies...
OV05116-C11A OMNIVISION-OV05116-C11A Datasheet
171Kb / 2P
CMOS CAMERACHIP with NTSC Analog Output
logo
Omron Electronics LLC
STC-MBE132POE OMRON-STC-MBE132POE Datasheet
2Mb / 68P
GigE Vision Monochrome / Color CMOS PoE Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com