Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2994 Datasheet HTML 3Page - National Semiconductor (TI) LP2994 Datasheet HTML 4Page - National Semiconductor (TI) LP2994 Datasheet HTML 5Page - National Semiconductor (TI) LP2994 Datasheet HTML 6Page - National Semiconductor (TI) LP2994 Datasheet HTML 7Page - National Semiconductor (TI) LP2994 Datasheet HTML 8Page - National Semiconductor (TI) LP2994 Datasheet HTML 9Page - National Semiconductor (TI) LP2994 Datasheet HTML 10Page - National Semiconductor (TI) LP2994 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Block Diagram
20045903
Description
The LP2994 is a linear bus termination regulator designed to
meet the JEDEC requirements of SSTL-2 and SSTL-3. The
output, V
TT is capable of sinking and sourcing current while
regulating the output voltage equal to V
DDQ / 2. The output
stage has been designed to maintain excellent load regula-
tion while preventing shoot through. The LP2994 also incor-
porates two distinct power rails which separates the analog
circuitry from the power output stage. This allows a split rail
approach to be utilized to decrease internal power dissipa-
tion. It also permits the LP2994 to provide a termination
solution for the next generation of DDR-SDRAM memory
(DDRII).
Series Stub Termination Logic (SSTL) was created to im-
prove signal integrity of the data transmission across the
memory bus. This termination scheme is essential to prevent
data error from signal reflections while transmitting at high
frequencies encountered with DDR-SDRAM. The most com-
mon form of termination is Class II single parallel termina-
tion. This involves one R
S series resistor from the chipset to
the memory and one R
T termination resistor. Typical values
for R
S and RT are 25 Ohms, although these can be changed
to scale the current requirements from the LP2994. This
implementation can be seen below in
Figure 2.
20045931
FIGURE 2. SSTL Termination Scheme
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com