Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2994 Datasheet HTML 4Page - National Semiconductor (TI) LP2994 Datasheet HTML 5Page - National Semiconductor (TI) LP2994 Datasheet HTML 6Page - National Semiconductor (TI) LP2994 Datasheet HTML 7Page - National Semiconductor (TI) LP2994 Datasheet HTML 8Page - National Semiconductor (TI) LP2994 Datasheet HTML 9Page - National Semiconductor (TI) LP2994 Datasheet HTML 10Page - National Semiconductor (TI) LP2994 Datasheet HTML 11Page - National Semiconductor (TI) LP2994 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Pin Descriptions
AVIN and PVIN
AVIN and PVIN are the input supply pins for the LP2994.
AVIN is used to supply all the internal control circuitry. PVIN,
however, is used exclusively to provide the rail voltage for
the output stage used to create V
TT. These pins have the
capability to work off separate supplies depending on the
application. Higher voltages on PVIN will increase the maxi-
mum continuous output current because of output RDSON
limitations at voltages close to V
TT. The disadvantage of high
values of PVIN is that the internal power loss will also
increase, thermally limiting the design. For SSTL-2 applica-
tions, a good compromise would be to connect the AVIN and
PVIN directly together at 2.5V. This eliminates the need for
bypassing the two supply pins separately. The only limitation
on input voltage selection is that PVIN must be equal to or
lower than AVIN.
V
DDQ
V
DDQ is the input used to create the internal reference
voltage for regulating V
TT. The reference voltage is gener-
ated from a resistor divider of two internal 50k
Ω resistors.
This guarantees that V
TT will track VDDQ / 2 precisely. The
optimal implementation of V
DDQ is as a remote sense. This
can be achieved by connecting V
DDQ directly to the 2.5V rail
at the DIMM instead of AVIN and PVIN. This ensures that the
reference voltage tracks the DDR memory rails precisely
without a large voltage drop from the power lines. For
SSTL-2 applications V
DDQ will be a 2.5V signal, which will
create a 1.25V termination voltage at V
TT (See Electrical
Characteristics Table for exact values of V
TT over tempera-
ture).
V
SENSE
The purpose of the sense pin is to provide improved remote
load regulation. In most motherboard applications the termi-
nation resistors will connect to V
TT in a long plane. If the
output voltage was regulated only at the output of the
LP2994 then the long trace will cause a significant IR drop
resulting in a termination voltage lower at one end of the bus
than the other. The V
SENSE pin can be used to improve this
performance, by connecting it to the middle of the bus. This
will provide a better distribution across the entire termination
bus. If remote load regulation is not used then the V
SENSE
pin must still be connected to V
TT. Care should be taken
when a long V
SENSE trace is implemented in close proximity
to the memory. Noise pickup in the V
SENSE trace can cause
problems with precise regulation of V
TT. A small 0.1uF ce-
ramic capacitor placed next to the V
SENSE pin can help filter
any high frequency signals and preventing errors.
Shutdown
The LP2994 contains an active low shutdown pin that can be
used to tri-state VTT. During shutdown V
TT should not be
exposed to voltages that exceed PVIN. With the shutdown
pin asserted low the quiescent current of the LP2994 will
drop, however, V
DDQ will always maintain its constant im-
pedance of 100k
Ω for generating the internal reference.
Therefore to calculate the total power loss in shutdown both
currents need to be considered. For more information refer
to the Thermal Dissipation section. The shutdown pin also
has an internal pull-up current, therefore to turn the part on
the shutdown pin can either be connected to AVIN or left
open.
V
TT
V
TT is the regulated output that is used to terminate the bus
resistors. It is capable of sinking and sourcing current while
regulating the output precisely to V
DDQ / 2. The LP2994 is
designed to handle peak transient currents of up to +/- 3A
with excellent load regulation. The maximum continuous
current is a function of AVIN and PVIN and several curves
can be seen in the Typical Performance Characteristics sec-
tion. If a transient is expected to last above the maximum
continuous current rating for a significant amount of time,
then the bulk output capacitor should be sized large enough
to prevent an excessive voltage drop. Despite the fact that
the LP2994 is designed to handle large transient output
currents it is not capable of handling these for long durations
under all conditions. The reason for this is that the SO-8
package is not able to thermally dissipate an infinite amount
of heat as a result of internal power loss. If large currents are
required for longer durations, then care should be taken to
ensure that the maximum junction temperature is not ex-
ceeded. Proper thermal de-rating should always be used
(Please refer to the
Thermal Dissipation section).
Component Selection
Input Capacitor
The LP2994 does not require a capacitor for input stability,
but it is recommended for improved performance during
large load transients to prevent the input rail from dropping.
The input capacitor should be located as close as possible to
the PVIN pin. Several recommendations exist dependent on
the application required. A typical value recommended for AL
electrolytic capacitors is 47uF. Ceramic capacitors can also
be used, a value in the range of 10uF with X5R dielectric or
better would be an ideal choice. The input capacitance can
be reduced if the LP2994 is placed close to the bulk capaci-
tance from the output of the 2.5V DC-DC converter. If the two
supply rails (AVIN and PVIN) are separated then the 47uF
capacitor should be placed as close to possible to the PVIN
rail. An additional 0.1uF ceramic capacitor can be placed on
the AVIN rail to prevent excessive noise from coupling into
the device.
Output Capacitor
The LP2994 has been designed to be insensitive of output
capacitor size or ESR (Equivalent Series Resistance). This
allows the flexibility to use any capacitor desired. The choice
for output capacitor will be determined solely on the applica-
tion and the requirements for load transient response of VTT.
As a general recommendation, the output capacitor should
be sized above 100uF with a low ESR for SSTL applications
with DDR-SDRAM. The value of ESR should be determined
by the maximum current spikes expected and the extent at
which the output voltage is allowed to droop. Several capaci-
tor options are available on the market and a few of these
are highlighted below:
AL - It should be noted that many aluminum electrolytics only
specify impedance at a frequency of 120Hz, which indicates
they have poor high frequency performance. Only aluminum
electrolytics that have an impedance specified at a higher
frequency (approximately 100kHz) should be used for the
LP2994. To improve the ESR several AL electrolytics can be
combined in parallel for an overall reduction. An important
note to be aware of is the extent at which the ESR will
change over temperature. Aluminum electrolytic capacitors
can have their ESR rapidly increase at cold temperatures.
Ceramic - Ceramic capacitors typically have a low capaci-
tance, in the range of 10 to 100uF range, but they have
excellent AC performance for bypassing noise because of
very low ESR (typically less than 10mOhm). However, some
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com