Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994MX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994MX
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994MX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2994MX Datasheet HTML 7Page - National Semiconductor (TI) LP2994MX Datasheet HTML 8Page - National Semiconductor (TI) LP2994MX Datasheet HTML 9Page - National Semiconductor (TI) LP2994MX Datasheet HTML 10Page - National Semiconductor (TI) LP2994MX Datasheet HTML 11Page - National Semiconductor (TI) LP2994MX Datasheet HTML 12Page - National Semiconductor (TI) LP2994MX Datasheet HTML 13Page - National Semiconductor (TI) LP2994MX Datasheet HTML 14Page - National Semiconductor (TI) LP2994MX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Application Circuits (Continued)
DDR-II Applications
With the separate V
DDQ pin and an internal resistor divider it
is possible to use the LP2994 in applications utilizing DDR-II
memory.
Figure 7 and Figure 8 show several implementa-
tions of recommended circuits with output curves displayed
in the Typical Performance Characteristics.
Figure 7 shows
the recommended circuit configuration for DDR-II applica-
tions. The output stage is connected to the 1.8V rail and the
AVIN pin can be connected to either a 3.3V or 5V rail.
If it is not desirable to use the 1.8V rail it is possible to
connect the output stage to a 3.3V rail. Care should be taken
to not exceed the maximum junction temperature as the
thermal dissipation increases with lower V
TT output voltages.
For this reason, it is not recommended to power PVIN off a
rail higher than the nominal 3.3V. The advantage of this
configuration is that it has the ability to source and sink a
higher maximum continuous current.
If standards other than SSTL-2 are required, such as
SSTL-3, it may be necessary to use a different scaling factor
than 0.5 times V
DDQ for regulating the output voltage. Sev-
eral options are available to scale the output to any voltage
required. One method is to level shift the output by using
feedback resistors from V
TT to the VSENSE pin. This has
been illustrated in
Figure 9 and Figure 10. Figure 9 shows
20045906
FIGURE 6. SSTL-2 Implementation with higher voltage rails
20045907
FIGURE 7. Recommended DDR-II Termination
20045908
FIGURE 8. DDR-II Termination with higher voltage rails
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com