Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994MX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994MX
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994MX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2994MX Datasheet HTML 7Page - National Semiconductor (TI) LP2994MX Datasheet HTML 8Page - National Semiconductor (TI) LP2994MX Datasheet HTML 9Page - National Semiconductor (TI) LP2994MX Datasheet HTML 10Page - National Semiconductor (TI) LP2994MX Datasheet HTML 11Page - National Semiconductor (TI) LP2994MX Datasheet HTML 12Page - National Semiconductor (TI) LP2994MX Datasheet HTML 13Page - National Semiconductor (TI) LP2994MX Datasheet HTML 14Page - National Semiconductor (TI) LP2994MX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Typical Application Circuits
(Continued)
how to use two resistors to level shift V
TT above the internal
reference voltage of V
DDQ/2. To calculate the exact voltage
at V
TT the following equation can be used.
V
TT =(VDDQ/2)x(1+ R1/R2)
Conversely, the R2 resistor can be placed between V
SENSE
and V
DDQ to shift the VTT output lower than the internal
reference voltage of V
DDQ/2. The equations relating VTT and
the resistors can be seen below:
V
TT =(VDDQ/2)x(1- R1/R2)
Reference Voltage
DDR-SDRAM and the motherboard chipsets usually require
a reference voltage which tracks V
TT. To implement this
feature in most applications it is advisable to use two equal
resistors as a resistor divider. This prevents long V
REF traces
from running across the motherboard picking up noise which
can interfere with performance. However, in a few applica-
tions it may be desirable to use the V
TT output on the
LP2994 to generate the V
REF signal. The can be accom-
plished by using an RC filter on the output of V
TT to create a
V
REF signal. Typically, the reference voltage required by
chipsets and memory is well under 1µA combined, therefore,
a fairly large resistor such as 1k
Ω or larger can be used. A
recommended capacitor would be a 1uF X7R ceramic
capacitor.
20045909
FIGURE 9. Increasing V
TT by Level Shifting
20045910
FIGURE 10. Decreasing V
TT by Level Shifting
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com