Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L12 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L12
Description  3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L12 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM78L12 Datasheet HTML 1Page - National Semiconductor (TI) LM78L12 Datasheet HTML 2Page - National Semiconductor (TI) LM78L12 Datasheet HTML 3Page - National Semiconductor (TI) LM78L12 Datasheet HTML 4Page - National Semiconductor (TI) LM78L12 Datasheet HTML 5Page - National Semiconductor (TI) LM78L12 Datasheet HTML 6Page - National Semiconductor (TI) LM78L12 Datasheet HTML 7Page - National Semiconductor (TI) LM78L12 Datasheet HTML 8Page - National Semiconductor (TI) LM78L12 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM78LXX Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, Bold typeface
applies over 0˚C to 125˚C for SO-8 and TO-92 packages, and −40˚C to 85˚C for micro SMD package. Limits are
guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise specified: I
O = 40mA, CI = 0.33µF, CO = 0.1µF. (Continued)
LM78L62AC (Continued)
Unless otherwise specified, V
IN = 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
∆V
O
Line Regulation
8.5V
≤ V
IN
≤ 20V
65
175
mV
9V
≤ V
IN
≤ 20V
55
125
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
13
80
1mA
≤ I
O
≤ 40mA
6
40
I
Q
Quiescent Current
2
5.5
mA
∆I
Q
Quiescent Current Change
8V
≤ V
IN
≤ 20V
1.5
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
(Note 4)
50
µV
Ripple Rejection
f = 120 Hz
10V
≤ V
IN
≤ 20V
40
46
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−0.75
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
7.9
V
LM78L82AC
Unless otherwise specified, V
IN = 14V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
7.87
8.2
8.53
V
11V
≤ V
IN
≤ 23V
1mA
≤ I
O
≤ 40mA
(Note 3)
7.8
8.6
1mA
≤ I
O
≤ 70mA
(Note 3)
7.8
8.6
∆V
O
Line Regulation
11V
≤ V
IN
≤ 23V
80
175
mV
12V
≤ V
IN
≤ 23V
70
125
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
15
80
1mA
≤ I
O
≤ 40mA
8
40
I
Q
Quiescent Current
2
5.5
mA
∆I
Q
Quiescent Current Change
12V
≤ V
IN
≤ 23V
1.5
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
(Note 4)
60
µV
Ripple Rejection
f = 120 Hz
12V
≤ V
IN
≤ 22V
39
45
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−0.8
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
9.9
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com