Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L12 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78L12
Description  3-Terminal Positive Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78L12 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM78L12 Datasheet HTML 5Page - National Semiconductor (TI) LM78L12 Datasheet HTML 6Page - National Semiconductor (TI) LM78L12 Datasheet HTML 7Page - National Semiconductor (TI) LM78L12 Datasheet HTML 8Page - National Semiconductor (TI) LM78L12 Datasheet HTML 9Page - National Semiconductor (TI) LM78L12 Datasheet HTML 10Page - National Semiconductor (TI) LM78L12 Datasheet HTML 11Page - National Semiconductor (TI) LM78L12 Datasheet HTML 12Page - National Semiconductor (TI) LM78L12 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Applications
Fixed Output Regulator
00774408
*Required if the regulator is located more than 3" from the power supply filter.
**See (Note 4) in the electrical characteristics table.
Adjustable Output Regulator
00774409
VOUT = 5V + (5V/R1 + IQ)R2
5V/R1 > 3IQ, load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM78L05)
Current Regulator
00774410
IOUT =(VOUT/R1) + IQ
>I
Q = 1.5mA over line and load changes
5V, 500mA Regulator with Short Circuit Protection
00774411
*Solid tantalum.
**Heat sink Q1.
***Optional: Improves ripple rejection and transient response.
Load Regulation: 0.6% 0
≤ IL ≤ 250mA pulsed with tON = 50ms.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com