Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAS70
Description  Low forward and reverse recovery times
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70 Datasheet(HTML) 1 Page - STMicroelectronics

  BAS70 Datasheet HTML 1Page - STMicroelectronics BAS70 Datasheet HTML 2Page - STMicroelectronics BAS70 Datasheet HTML 3Page - STMicroelectronics BAS70 Datasheet HTML 4Page - STMicroelectronics BAS70 Datasheet HTML 5Page - STMicroelectronics BAS70 Datasheet HTML 6Page - STMicroelectronics BAS70 Datasheet HTML 7Page - STMicroelectronics BAS70 Datasheet HTML 8Page - STMicroelectronics BAS70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2009
Doc ID 12563 Rev 2
1/14
14
BAS70
Low capacitance, low series inductance and resistance Schottky diodes
Features
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Surface mount device
■ Low capacitance diode
■ Low resistance and inductance
Description
The BAS70 series uses 70 V Schottky barrier
diodes packaged in SOD-123, SOD-323, SOD-
523, SOT-23, SOT-323, SOT-323-6L or SOT-666.
These diodes are specially suited for signal
detection and temperature compensation in RF
applications.
Table 1.
Device summary
Symbol
Value
IF
70 mA
VRRM
70 V
C (max)
2 pF
Tj (max)
150 °C
SOD-323
SOD-523
SOT-23
SOT-666
BAS70JFILM
(Single)
BAS70KFILM
(Single)
BAS70FILM
(Single)
BAS70-04FILM
(Series)
BAS70-05FILM
(Common cathode)
BAS70WFILM
(Single)
BAS70-05WFILM
(Common cathode)
BAS70-06WFILM
(Common anode)
BAS70-04WFILM
(Series)
BAS70-07P6FILM
(2 parallel diodes)
BAS70-08SFILM
(3 parallel diodes)
BAS70-09P6FILM
(2 opposite diodes)
BAS70-06FILM
(Common anode)
SOT-323
SOT-323-6L
Configurations in top view
SOD-123
BAS70ZFILM
(Single)
www.st.com


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
RB751S-40 SMC-RB751S-40 Datasheet
145Kb / 4P
Low reverse current and low forward voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
Peak Repetitive Forward and Reverse Blocking
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
Low Reverse Recovery Loss
MF200K06F3 MCC-MF200K06F3 Datasheet
511Kb / 4P
Low Reverse Recovery Loss
RB520S-30DP MCC-RB520S-30DP Datasheet
425Kb / 3P
Low Reverse Current and Low Forward Voltage
RB521S-30DP MCC-RB521S-30DP Datasheet
475Kb / 3P
Low Reverse Current and Low Forward Voltage
RB751S-40DP MCC-RB751S-40DP Datasheet
380Kb / 3P
Low reverse current and low forward voltage
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
221Kb / 7P
Low forward and reverse recovery times
04-Feb-2014
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com