Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAS70
Description  Low forward and reverse recovery times
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70 Datasheet(HTML) 3 Page - STMicroelectronics

  BAS70 Datasheet HTML 1Page - STMicroelectronics BAS70 Datasheet HTML 2Page - STMicroelectronics BAS70 Datasheet HTML 3Page - STMicroelectronics BAS70 Datasheet HTML 4Page - STMicroelectronics BAS70 Datasheet HTML 5Page - STMicroelectronics BAS70 Datasheet HTML 6Page - STMicroelectronics BAS70 Datasheet HTML 7Page - STMicroelectronics BAS70 Datasheet HTML 8Page - STMicroelectronics BAS70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BAS70
Characteristics
Doc ID 12563 Rev 2
3/14
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 1)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
d=0.05
d=0.1
d=0.2
d=0.5
d=1
T
d=tp/T
tp
P(W)
IF(AV)(A)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
25
50
75
100
125
150
I
F(AV)(A)
T
d=tp/T
tp
Tamb(°C)
Figure 3.
Reverse leakage current versus
reverse applied voltage
(typical values)
Figure 4.
Reverse leakage current versus
junction temperature
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
304050
6070
IR(µA)
Tj=150 °C
Tj=85 °C
Tj=25 °C
VR(V)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
IR(µA)
V
R=50 V
Tj(°C)
Figure 5.
Junction capacitance versus
reverse applied voltage
(typical values)
Figure 6.
Forward voltage drop versus
forward current (typical values)
0.1
1.0
10.0
0.1
1.0
10.0
100.0
C(pF)
F=1 MHz
V
OSC=30 mVRMS
Tj=25 °C
VR(V)
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IFM(mA)
Tj=85°C
Tj=85°C
Tj=-40 °C
Tj=-40 °C
Tj=150 °C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com