Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DE12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS2DE12
Description  MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DE12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS2DE12 Datasheet HTML 35Page - STMicroelectronics LIS2DE12 Datasheet HTML 36Page - STMicroelectronics LIS2DE12 Datasheet HTML 37Page - STMicroelectronics LIS2DE12 Datasheet HTML 38Page - STMicroelectronics LIS2DE12 Datasheet HTML 39Page - STMicroelectronics LIS2DE12 Datasheet HTML 40Page - STMicroelectronics LIS2DE12 Datasheet HTML 41Page - STMicroelectronics LIS2DE12 Datasheet HTML 42Page - STMicroelectronics LIS2DE12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DocID027326 Rev 2
39/51
LIS2DE12
Register description
51
8.19
FIFO_SRC_REG (2Fh)
Table 53. FIFO_SRC_REG description
8.20
INT1_CFG (30h)
The content of this register is loaded at boot.
Table 52. FIFO_SRC_REG register
WTM
OVRN_FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
WTM
WTM bit is set high when FIFO content exceeds watermark level
OVRN_FIFO
OVRN bit is set high when FIFO buffer is full; this means that the FIFO buffer
contains 32 unread samples. At the following ODR a new sample set replaces the
oldest FIFO value. The OVRN bit is set to 0 when the first sample set has been
read
EMPTY
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty
FSS [4:0]
FSS [4:0] field always contains the current number of unread samples stored in the
FIFO buffer. When FIFO is enabled, this value increases at ODR frequency until
the buffer is full, whereas, it decreases every time one sample set is retrieved from
FIFO
Table 54. INT1_CFG register
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 55. INT1_CFG description
AOI
And/Or combination of interrupt events. Default value: 0. Refer to Table 56
6D
6-direction detection function enabled. Default value: 0. Refer to Table 56
ZHIE
Enable interrupt generation on Z high event or on direction recognition. Default
value: 0 (0: disable interrupt request;1: enable interrupt request)
ZLIE
Enable interrupt generation on Z low event or on direction recognition. Default value:
0 (0: disable interrupt request;1: enable interrupt request)
YHIE
Enable interrupt generation on Y high event or on direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
YLIE
Enable interrupt generation on Y low event or on direction recognition. Default value:
0 (0: disable interrupt request; 1: enable interrupt request.)
XHIE
Enable interrupt generation on X high event or on direction recognition. Default
value: 0 (0: disable interrupt request; 1: enable interrupt request.)
XLIE
Enable interrupt generation on X low event or on direction recognition. Default value:
0 (0: disable interrupt request; 1: enable interrupt request.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com