Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330D Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 17Page - STMicroelectronics LSM330D Datasheet HTML 18Page - STMicroelectronics LSM330D Datasheet HTML 19Page - STMicroelectronics LSM330D Datasheet HTML 20Page - STMicroelectronics LSM330D Datasheet HTML 21Page - STMicroelectronics LSM330D Datasheet HTML 22Page - STMicroelectronics LSM330D Datasheet HTML 23Page - STMicroelectronics LSM330D Datasheet HTML 24Page - STMicroelectronics LSM330D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
LSM330D
Functionality
Doc ID 022562 Rev 2
21/66
4.1.3
6D/4D orientation detection
The LSM330D includes 6D/4D orientation detection. In this configuration the interrupt is
generated when the device is stable in a known direction. In 4D configuration, Z axis
position detection is disabled.
4.1.4
“Sleep-to-wake” and “Return to sleep”
The LSM330D can be programmed to automatically switch to Low power mode upon
recognition of a determined event. Once the event condition is over, the device returns to the
preset Normal mode.
To enable this function, the desired threshold value must be stored in the Act_THS register,
while the duration value is written in the Act_DUR register.
When the internally high-pass filtered acceleration becomes lower than the threshold value
on all the three axes, the device automatically switches to Low power mode (10Hz ODR).
During this condition, the ODRx bits and LPen bit in the CTRL_REG1_G register and the
HR bit in the CTRL_REG3_G register are not considered.
When the acceleration goes back over the threshold (on at least one axis), the system
restores the operating mode and ODRs as per the CTRL_REG1_G register and
CTRL_REG3_G register settings.
Accelerometer digital main blocks
4.1.5
FIFO
The LSM330D embeds 32 slots of data FIFO for each of the three output channels: X, Y and
Z. This allows consistent power saving for the system, since the host processor does not
need to continuously poll data from the sensor, but it can wake up only when needed and
burst the significant data out from the FIFO. This buffer can work accordingly in four different
modes: Bypass mode, FIFO mode, Stream mode and Stream-to-FIFO mode. Each mode is
selected by the FIFO_MODE bits in the FIFO_CTRL_REG_A register. Programmable
watermark level, FIFO_empty or FIFO_Full events can be enabled to generate dedicated
interrupts on the INT1_A/INT2_A pin (configured through the FIFO_CTRL_REG_A
register).
4.1.6
Bypass mode
In Bypass mode, the FIFO is not operational and for this reason it remains empty. For each
channel only the first address is used. The remaining FIFO slots are empty.
4.1.7
FIFO mode
In FIFO mode, data from the X, Y and Z channels are stored into the FIFO. A watermark
interrupt can be enabled (FIFO_WTMK_EN bit in the FIFO_CTRL_REG_A register in order
to be raised when the FIFO is filled to the level specified into the FIFO_WTMK_LEVEL bits
of the FIFO_CTRL_REG_A register. The FIFO continues filling until it is full (32 slots of data
for X, Y and Z). When full, the FIFO stops collecting data from the input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com