Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330D Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM330D
Description  Low power mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330D Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM330D Datasheet HTML 47Page - STMicroelectronics LSM330D Datasheet HTML 48Page - STMicroelectronics LSM330D Datasheet HTML 49Page - STMicroelectronics LSM330D Datasheet HTML 50Page - STMicroelectronics LSM330D Datasheet HTML 51Page - STMicroelectronics LSM330D Datasheet HTML 52Page - STMicroelectronics LSM330D Datasheet HTML 53Page - STMicroelectronics LSM330D Datasheet HTML 54Page - STMicroelectronics LSM330D Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
LSM330D
Register descriptions
Doc ID 022562 Rev 2
51/66
8.20
CLICK_THS_A (3Ah)
8.21
TIME_LIMIT_A (3Bh)
8.22
TIME_LATENCY_A (3Ch)
8.23
TIME WINDOW_A (3Dh)
Y
Y CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: Y High event has occurred)
X
X CLICK-CLICK detection. Default value: 0
(0: no interrupt, 1: X High event has occurred)
Table 54.
CLICK_SRC_A description
Table 55.
CLICK_THS_A register
--
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
Table 56.
CLICK_SRC_A description
Ths6-Ths0
CLICK-CLICK threshold. Default value: 000 0000
Table 57.
TIME_LIMIT_A register
--
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 58.
TIME_LIMIT_A description
TLI7-TLI0
CLICK-CLICK Time limit. Default value: 000 0000
Table 59.
TIME_LATENCY_A register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 60.
TIME_LATENCY_A description
TLA7-TLA0
CLICK-CLICK time latency. Default value: 000 0000
Table 61.
TIME_WINDOW_A register
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com