Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33AB01H Datasheet(PDF) 7 Page - STMicroelectronics

Part # MP33AB01H
Description  MEMS audio surface-mount bottom-port silicon microphone with analog output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MP33AB01H Datasheet HTML 3Page - STMicroelectronics MP33AB01H Datasheet HTML 4Page - STMicroelectronics MP33AB01H Datasheet HTML 5Page - STMicroelectronics MP33AB01H Datasheet HTML 6Page - STMicroelectronics MP33AB01H Datasheet HTML 7Page - STMicroelectronics MP33AB01H Datasheet HTML 8Page - STMicroelectronics MP33AB01H Datasheet HTML 9Page - STMicroelectronics MP33AB01H Datasheet HTML 10Page - STMicroelectronics MP33AB01H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024171 Rev 3
7/13
MP33AB01H
Application recommendations
13
4
Application recommendations
Figure 3. MP33AB01H electrical connections and external component values
The DC-blocking capacitor C1 is required on the Vout pin as shown in Figure 3. The C1
value and the input resistance of the interface circuit (R) affect the cut-off frequency of the
Audio signal path as:
3 dB cut-off freq = 1 / 2
 RC1
It's advisable to have a cut-off frequency well below 20 HZ, so for a typical input resistance
of about 20 k
it is recommended to use a C1 > 1 µF.
MP33AB01H
Pin.4
Pin.1
Pin.2,3,5,6
+
Vdd
C1
C2
C3
(Ground)
R2
Typical values:
C1 > 1 µF
C2 ~ 1000 pF
C3 = 1 µF
(Vout )
-
R1
Vref
Ext. gain = (R1+R2) / R1
Vref
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com