Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MP34DB02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MP34DB02 Datasheet HTML 3Page - STMicroelectronics MP34DB02 Datasheet HTML 4Page - STMicroelectronics MP34DB02 Datasheet HTML 5Page - STMicroelectronics MP34DB02 Datasheet HTML 6Page - STMicroelectronics MP34DB02 Datasheet HTML 7Page - STMicroelectronics MP34DB02 Datasheet HTML 8Page - STMicroelectronics MP34DB02 Datasheet HTML 9Page - STMicroelectronics MP34DB02 Datasheet HTML 10Page - STMicroelectronics MP34DB02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP34DB02
Acoustic and electrical specifications
DocID026103 Rev 2
7/17
2.2
Timing characteristics
Table 5: Timing characteristics
Parameter
Description
Min
Max
Unit
fCLK
Clock frequency for normal mode
1
3.25
MHz
fPD
Clock frequency for power-down mode
0.23
MHz
TCLK
Clock period for normal mode
308
1000
ns
TR,EN
Data enabled on DATA line, L/R pin = 1
18
(1)
30
(1)
ns
TR,DIS
Data disabled on DATA line, L/R pin = 1
16
(1)
ns
TL,EN
Data enabled on DATA line, L/R pin = 0
18
(1)
30
(1)
ns
TL,DIS
Data disabled on DATA line, L/R pin = 0
16
(1)
ns
Notes:
(1)
From design simulations
Figure 2: Timing waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com