Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DB02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MP34DB02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MP34DB02 Datasheet HTML 8Page - STMicroelectronics MP34DB02 Datasheet HTML 9Page - STMicroelectronics MP34DB02 Datasheet HTML 10Page - STMicroelectronics MP34DB02 Datasheet HTML 11Page - STMicroelectronics MP34DB02 Datasheet HTML 12Page - STMicroelectronics MP34DB02 Datasheet HTML 13Page - STMicroelectronics MP34DB02 Datasheet HTML 14Page - STMicroelectronics MP34DB02 Datasheet HTML 15Page - STMicroelectronics MP34DB02 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application recommendations
MP34DB02
12/17
DocID026103 Rev 2
6
Application recommendations
Figure 4: MP34DB02 electrical connections
Figure 5: MP34DB02 electrical connections for stereo configuration
Power supply decoupling capacitors (100 nF ceramic, 10 µF ceramic) should be placed as
near as possible to pin 3 of the device (common design practice).
The L/R pin must be connected to Vdd or GND (refer to Table 7: "L/R channel selection").
CODE C
Vdd
10 µF
100nF
L/R
1
2
3
4
5
Top view
CODE C
1
2
3
4
5
Top view
1
2
3
4
5
Top view
Mic1
Mic2
100 nF
10 µF
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com