Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z45-R1 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ20Z45-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z45-R1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ20Z45-R1_17 Datasheet HTML 9Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 10Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 11Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 12Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 13Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 14Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 15Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 16Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
bq20z45-R1
www.ti.com
SLUS992 – DECEMBER 2009
Voltage
The bq20z45-R1 updates the individual series cell voltages at one second intervals. The internal ADC of the
bq20z45-R1 measures the voltage, scales and calibrates it appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track™ gas-gauging.
Current
The bq20z45-R1 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge
current using a 5 m
Ω to 20 mΩ typ. sense resistor.
Auto Calibration
The bq20z45-R1 provides an auto-calibration feature to cancel the voltage offset error across SRN and SRP for
maximum charge measurement accuracy. The bq20z45-R1 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of 5 s.
Temperature
The bq20z45-R1 has an internal temperature sensor and inputs for 2 external temperature sensor inputs TS1
and TS2 used in conjunction with two identical NTC thermistors (default are Semitec 103AT) to sense the battery
environmental temperature. The bq20z45-R1 can be configured to use internal or up to 2 external temperature
sensors.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): bq20z45-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com