Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z45-R1 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ20Z45-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z45-R1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ20Z45-R1_17 Datasheet HTML 11Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 12Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 13Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 14Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 15Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 16Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 17Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 18Page - Texas Instruments BQ20Z45-R1_17 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
bq20z45-R1
www.ti.com
SLUS992 – DECEMBER 2009
Table 3. EXTENDED SBS COMMANDS
SBS Cmd
Size in
Default
Mode
Name
Format
Min Value
Max Value
Unit
Bytes
Value
0x45
R
AFEData
String
11+1
—
—
—
—
0x46
R/W
FETControl
hex
2
0x00
0xff
—
—
0x4f
R
StateOfHealth
hex
2
0x0000
0xffff
—
%
0x51
R
SafetyStatus
hex
2
0x0000
0xffff
—
—
0x53
R
PFStatus
hex
2
0x0000
0xffff
—
—
0x54
R
OperationStatus
hex
2
0x0000
0xffff
—
—
0x55
R
ChargingStatus
hex
2
0x0000
0xffff
—
—
0x57
R
ResetData
hex
2
0x0000
0xffff
—
—
0x58
R
WDResetData
unsigned int
2
0
65535
—
—
0x5a
R
PackVoltage
unsigned int
2
0
65535
—
mV
0x5d
R
AverageVoltage
unsigned int
2
0
65535
—
mV
0x5e
R
TS1Temperature
integer
2
–400
1200
—
0.1°C
0x5f
R
TS2Temperature
integer
2
–400
1200
—
0.1°C
0x60
R/W
UnSealKey
hex
4
0x00000000
0xffffffff
—
—
0x61
R/W
FullAccessKey
hex
4
0x00000000
0xffffffff
—
—
0x62
R/W
PFKey
hex
4
0x00000000
0xffffffff
—
—
0x63
R/W
AuthenKey3
hex
4
0x00000000
0xffffffff
—
—
0x64
R/W
AuthenKey2
hex
4
0x00000000
0xffffffff
—
—
0x65
R/W
AuthenKey1
hex
4
0x00000000
0xffffffff
—
—
0x66
R/W
AuthenKey0
hex
4
0x00000000
0xffffffff
—
—
0x69
R
SafetyStatus2
hex
2
0x0000
0x000f
—
—
0x6b
R
PFStatus2
hex
2
0x0000
0x000f
—
—
0x6c
R/W
ManufBlock1
String
20
—
—
—
—
0x6d
R/W
ManufBlock2
String
20
—
—
—
—
0x6e
R/W
ManufBlock3
String
20
—
—
—
—
0x6f
R/W
ManufBlock4
String
20
—
—
—
—
0x70
R/W
ManufacturerInfo
String
31+1
—
—
—
—
0x71
R/W
SenseResistor
unsigned int
2
0
65535
—
μΩ
0x72
R
TempRange
hex
2
0x0000
0xffff
—
—
0x73
R
LifetimeData
String
32+1
—
—
—
—
0x77
R/W
DataFlashSubClassID
hex
2
0x0000
0xffff
—
—
0x78
R/W
DataFlashSubClassPage1
hex
32
—
—
—
—
0x79
R/W
DataFlashSubClassPage2
hex
32
—
—
—
—
0x7a
R/W
DataFlashSubClassPage3
hex
32
—
—
—
—
0x7b
R/W
DataFlashSubClassPage4
hex
32
—
—
—
—
0x7c
R/W
DataFlashSubClassPage5
hex
32
—
—
—
—
0x7d
R/W
DataFlashSubClassPage6
hex
32
—
—
—
—
0x7e
R/W
DataFlashSubClassPage7
hex
32
—
—
—
—
0x7f
R/W
DataFlashSubClassPage8
hex
32
—
—
—
—
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): bq20z45-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com