Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2295 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2295
Description  High Power Density 1.2A Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2295 Datasheet HTML 1Page - Micrel Semiconductor MIC2295 Datasheet HTML 2Page - Micrel Semiconductor MIC2295 Datasheet HTML 3Page - Micrel Semiconductor MIC2295 Datasheet HTML 4Page - Micrel Semiconductor MIC2295 Datasheet HTML 5Page - Micrel Semiconductor MIC2295 Datasheet HTML 6Page - Micrel Semiconductor MIC2295 Datasheet HTML 7Page - Micrel Semiconductor MIC2295 Datasheet HTML 8Page - Micrel Semiconductor MIC2295 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel
MIC2295
July 2004
M9999-052402
(408) 955-1690
2
Ordering Information
Part Number
Output Over
Voltage
Protection
Marking Code
Junction
Temperature
Range
Package
Standard
Lead-Free
Standard
Lead-Free
MIC2295BD5
MIC2295YD5
-
SVAA
SVAA
-40°C to 125°C
Thin SOT23-
5
MIC2295BML
MIC2295YML
34V
SXA
SXA
-40°C to 125°C
2mm x2mm
MLF-8L
Pin Configuration
Pin Description
MIC2295BD5
Thin SOT-23-5
MIC2295BML
2x2 MLF-8L
Pin Name
Pin Function
1
7
SW
Switch Node (Input): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
6
FB
Feedback (Input): 1.24V output voltage sense node.
VOUT = 1.24V ( 1 + R1/R2)
4
3
EN
Enable (Input): Logic high enables regulator. Logic low
shuts down regulator.
5
2
VIN
Supply (Input): 2.5V to 10V input voltage.
1
OVP
Output Over-Voltage Protection (Input): Tie this pin to
VOUT to clamp the output voltage to 34V maximum in fault
conditions. Tie this pin to ground if OVP function is not
required.
5
N/C
No connect. No internal connection to die.
4
AGND
Analog ground
8
PGND
Power ground
EP
GND
Ground (Return). Exposed backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com