Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2295 Datasheet (PDF) - Micrel Semiconductor

MIC2295 Datasheet PDF - Micrel Semiconductor
Part # MIC2295
Download  MIC2295 Download
File Size   1267.02 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Power Density 1.2A Boost Regulator

MIC2295 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2295 Datasheet PDF - Micrel Semiconductor

Part # MIC2295
Download  MIC2295 Click to download

File Size   1267.02 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Power Density 1.2A Boost Regulator

MIC2295 Datasheet (HTML) - Micrel Semiconductor


MIC2295 Product details

General Description
The MIC2295 is a 1.2Mhz, PWM dc/dc boost switching regulator available in low profile Thin SOT23 and 2mm x 2mm MLF package options. High power density is achieved with the MIC2295’s internal 34V / 1.2A switch, allowing it to power large loads in a tiny footprint.

Features
• 2.5V to 10V input voltage range
• Output voltage adjustable to 34V
• 1.2A switch current
• 1.2MHz PWM operation
• Stable with small size ceramic capacitors
• High efficiency
• Low input and output ripple
• <1mA shutdown current
• UVLO
• Output over-voltage protection (MIC2295BML)
• Over temperature shutdown
• Thin SOT23-5 package option
• 2mm x 2mm leadless 8-lead MLF package option
• –40°C to +125°C junction temperature range

Applications
• Organic EL power supplies
• 3.3V to 5V/500mA conversion
• TFT-LCD bias supplies
• Flash LED drivers
• Positive and negative output regulators
• SEPIC converters
• Positive to negative Cuk converters
• 12V supply for DSL applications Multi-output dc/dc converters




Similar Part No. - MIC2295

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22950YML MICREL-MIC22950YML Datasheet
1Mb / 22P
10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
MIC2295BD5 MICREL-MIC2295BD5 Datasheet
408Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2295BD5 MICREL-MIC2295BD5 Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
More results


Similar Description - MIC2295

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2296 MICREL-MIC2296 Datasheet
223Kb / 10P
High Power Density 1.2A Boost Regulator
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2295 MICREL-MIC2295_05 Datasheet
408Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2296 MICREL-MIC2296_10 Datasheet
218Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
1.2A High Efficiency Buck-Boost Regulator
June 8, 2012
logo
Micrel Semiconductor
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
1.2A High Efficiency Buck-Boost Regulators
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
1.2A High Efficiency Buck-Boost Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com