Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5484 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5484
Description  MM5484 16-Segment LED Display Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5484 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM5484 Datasheet HTML 1Page - National Semiconductor (TI) MM5484 Datasheet HTML 2Page - National Semiconductor (TI) MM5484 Datasheet HTML 3Page - National Semiconductor (TI) MM5484 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Description
The MM5484 is designed to drive LED displays directly Se-
rial data transfer from the data source to the display driver is
accomplished with 3 signals DATA IN CLOCK and EN-
ABLE The signal ENABLE acts as an envelope and only
while this signal is at a logic ‘1’ do the circuits recognize the
clock signal
While ENABLE is high data on the serial data input is trans-
ferred and shifted in the internal shift register on the rising
clock edge ie a logic ‘0’ to logic ‘1’ transition
When the ENABLE signal goes to a low (logic zero state)
the contents of the shift register is latched and the display
will show the new data While new data is being loaded into
the SR the display will continue to show the old data
For the MM5484 data is output from the serial DATA OUT
pin on the falling edge of clock so cascading is made simple
with race hazards eliminated
When the chip first powers on an internal power on reset
signal is generated which resets the SR and latches to zero
so that the display will be off
Timing Diagram
TLF6141 – 5
FIGURE 3
Physical Dimensions inches (millimeters)
Molded Dual-In-Line Package (N)
Order Number MM5484N
NS Package Number N22A
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com