Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5484 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5484
Description  MM5484 16-Segment LED Display Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5484 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5484 Datasheet HTML 1Page - National Semiconductor (TI) MM5484 Datasheet HTML 2Page - National Semiconductor (TI) MM5484 Datasheet HTML 3Page - National Semiconductor (TI) MM5484 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6141
February 1995
MM5484 16-Segment LED Display Driver
General Description
The MM5484 is a low threshold N-channel metal gate circuit
using low threshold enhancement and ion implanted deple-
tion devices The MM5484 is available in a 22-pin molded
package and is capable of driving 16 LED segments The
MM5484 is designed to drive common anode separate cath-
ode LED displays
Features
Y
Serial data input
Y
Wide power supply operation
Y
16 output 15 mA sink capability
Y
MM5484 is cascadeable
Y
TTL compatibility
Y
No load signal required
Y
Non multiplex display
Y
2
digit capabilityMM5484
Applications
Y
COPSTM or microprocessor displays
Y
Instrumentation readouts
Y
Industrial control indicator
Y
Relay driver
Block and Connection Diagrams
TLF6141 – 1
FIGURE 1 MM5484
Dual-In-Line Package
TLF6141 – 3
Top View
Order Number MM5484N
See NS Package Number N22A
PLCC
TLF6141 – 6
Top View
Order Number MM5484V
See NS Package Number V28A
COPSTM is a trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM5484

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5480N NSC-MM5480N Datasheet
107Kb / 6P
LED Display Driver
February 1995
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
MM5481N NSC-MM5481N Datasheet
122Kb / 6P
LED Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
More results

Similar Description - MM5484

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
14/16-Segment x 16-Digit Display Controller/Driver
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
logo
List of Unclassifed Man...
IR2E03 ETC1-IR2E03 Datasheet
18Kb / 1P
16-DOT LED DISPLAY DRIVER
logo
Intersil Corporation
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
logo
LightKey Optoelectronic...
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
0.50 inch Single Digit 16 Segment LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
0.80 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
2.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
1.00 inch Single Digit 16 Segment LED Display
logo
Renesas Technology Corp
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com