Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240 Datasheet(PDF) 49 Page - Motorola, Inc

Part # MPC8240
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MPC8240 Datasheet HTML 44Page - Motorola, Inc MPC8240 Datasheet HTML 45Page - Motorola, Inc MPC8240 Datasheet HTML 46Page - Motorola, Inc MPC8240 Datasheet HTML 47Page - Motorola, Inc MPC8240 Datasheet HTML 48Page - Motorola, Inc MPC8240 Datasheet HTML 49Page - Motorola, Inc MPC8240 Datasheet HTML 50Page - Motorola, Inc MPC8240 Datasheet HTML 51Page - Motorola, Inc MPC8240 Datasheet HTML 52Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
49
Ordering Information
1.9
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in Section 1.9.1,
“Part Numbers Fully Addressed by This Document.” Section 1.9.2, “Part Numbers Not Fully Addressed by
This Document,” lists the part numbers that do not fully conform to the specifications of this document.
These special part numbers require an additional document called a part number specification.
1.9.1
Part Numbers Fully Addressed by This Document
Table 20 provides the Motorola part numbering nomenclature for the MPC8240. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact a local
Motorola sales office. Each part number also contains a revision code that refers to the die mask revision
number. The revision level can be determined by reading the Revision ID register at address offset 0x08.
1.9.2
Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are
described in separate part number specifications that supplement and supersede this document. Table 21
shows the part numbers addressed by the XPC8240RXX250x part number specifications.
3
Throughout this document, the acronym EPIC was changed to PIC.
Throughout this document, the register name EICR was changed to ICR
Figure 2—The note numbers in the figure were renumbered to reflect the notes.
Table 7—Num 15 and 16 were updated, and Note 7 was corrected.
Figure 5 was updated to reflect the changes made in Table 7.
Section 1.7.6—Updated this section and Figure 23.
Section 1.9.1—Updated Table 20.
Section 1.9.2—Updated Table 21.
4
Section 1.4.1.2—Added Figure 4 and 5, Overshoot and Undershoot Voltage of PCI Interface
Section 1.5.1—Added solder ball package information for Lead free TBGA offering
Section 1.9—Added information regarding Lead free TBGA offering.
Table 20. Part Numbering Nomenclature
XPC
nnnn
x
xx
nnn
x
Product Code
Part Identifier
Process
Descriptor
Package 1
Processor
Frequency 2
Revision Level
XPC
8240
L = 2.5 V ± 125 mV
0 to 105
°C
ZU = TBGA
V V = Lead free
TBGA
200
E: 1.3, Revision ID 0x13
Notes:
1. See Section 1.5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in
this specification support all core frequencies. Additionally, parts addressed by part number specifications may
support other maximum core frequencies.
Table 19. Document Revision History (continued)
Revision
Number
Substantive Change(s)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com