Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC8240
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC8240 Datasheet HTML 6Page - Motorola, Inc MPC8240 Datasheet HTML 7Page - Motorola, Inc MPC8240 Datasheet HTML 8Page - Motorola, Inc MPC8240 Datasheet HTML 9Page - Motorola, Inc MPC8240 Datasheet HTML 10Page - Motorola, Inc MPC8240 Datasheet HTML 11Page - Motorola, Inc MPC8240 Datasheet HTML 12Page - Motorola, Inc MPC8240 Datasheet HTML 13Page - Motorola, Inc MPC8240 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MPC8240 Integrated Processor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Electrical and Thermal Characteristics
1.4.1.4
Output Driver Characteristics
Table 4 provides information on the characteristics of the output drivers referenced in Table 17. The values
are from the MPC8240 IBIS model (v1.1 IBIS, v1.2 file) and are untested. For additional detailed
information, see the complete IBIS model listing at: http://www.mot.com/SPS/PowerPC/teksupport/tools/
IBIS/kahlua_1.ibs.txt
Capacitance
Vin = 0 V, f = 1 MHz
Cin
—7.0
pF
Notes:
1. See Table 17 for pins with internal pull-up resistors.
2. See Table 4 for the typical drive capability of a specific signal pin based on the type of output driver associated with
that pin as listed in Table 17.
3. These specifications are for the default driver strengths indicated in Table 4.
4. Leakage current is measured on input pins and on output pins in the high impedance state. The leakage current is
measured for nominal OVDD/LVDD, and VDD or both OVDD/LVDD and VDD must vary in the same direction.
5. The minimum input high voltage is not compliant with the PCI Local Bus Specification (Rev 2.1), which specifies
0.5
× OVDD for minimum input high voltage.
Table 4. Drive Capability of MPC8240 Output Pins
Driver Type
Programmable
Output
Impedance (
Ω)
Supply
Voltage
IOH
IOL
Unit
Notes
DRV_STD
20
OVDD = 3.3 V
36.7
30.0
mA
2, 4
40 (default)
OVDD = 3.3 V
18.7
15.0
mA
2, 4
DRV_PCI
25
OVDD = 3.3 V
11.0
20.6
mA
1, 3
50 (default)
OVDD = 3.3 V
5.6
10.3
mA
1, 3
DRV_MEM_ADDR
DRV_PCI_CLK
8 (default)
GVDD = 3.3 V
89.0
76.3
mA
2, 4
13.3
GVDD = 3.3 V
55.9
46.4
mA
2, 4
20
GVDD = 3.3 V
36.7
30.0
mA
2, 4
40
GVDD = 3.3 V
18.7
15.0
mA
2, 4
DRV_MEM_DATA
20 (default)
GVDD = 3.3 V
36.7
30.0
mA
2, 4
40
GVDD = 3.3 V
18.7
15.0
mA
2, 4
Notes:
1. For DRV_PCI, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the 0.33-V label by interpolating
between the 0.3- and 0.4-V table entries’ current values that correspond to the PCI VOH = 2.97 = 0.9 × OVDD (OVDD
= 3.3 V) where table entry voltage = OVDD – PCI VOH.
2. For all others with GVDD or OVDD = 3.3 V, IOH read from the IBIS listing in the pull-up mode, I(Min) column, at the
0.9-V table entry thatcorresponds to the VOH = 2.4 V where table entry voltage = GVDD/OVDD – VOH.
3. For DRV_PCI, IOL read from the IBIS listing in the pull-down mode, I(Min) column, at 0.33 V = PCI VOL = 0.1 × OVDD
(OVDD = 3.3 V) by interpolating between the 0.3- and 0.4-V table entries.
Table 3. DC Electrical Specifications (continued)
At recommended operating conditions (see Table 2)
Characteristic
Condition 3
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com