Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SP1ML915 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-SP1ML915
Description  USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SP1ML915 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-SP1ML915 Datasheet HTML 1Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 2Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 3Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 4Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 5Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 6Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 7Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 8Page - STMicroelectronics STEVAL-SP1ML915 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Recommended operating conditions
STEVAL-SP1ML915; STEVAL-SP1ML868
1
Recommended operating conditions
Table 1: Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Board supply voltage
-20 °C < T <
70 °C
4.5
5
5.5
V
Top
Operating case
temperature range
-20
+70
°C
2/9
DocID027158 Rev 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com