Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SP1ML915 Datasheet (PDF) - STMicroelectronics

STEVAL-SP1ML915 Datasheet PDF - STMicroelectronics
Part # STEVAL-SP1ML915
Download  STEVAL-SP1ML915 Download
File Size   281.74 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915

STEVAL-SP1ML915 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-SP1ML915 Datasheet PDF - STMicroelectronics

Part # STEVAL-SP1ML915
Download  STEVAL-SP1ML915 Click to download

File Size   281.74 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915

STEVAL-SP1ML915 Datasheet (HTML) - STMicroelectronics


STEVAL-SP1ML915 Product details

Description
The STEVAL-SP1ML868 and STEVALSP1ML915 boards are design tools that allow evaluation of ST's SP1ML-868 and SP1ML-915 low power RF modules in a quick and simple way. The dongle includes the module to evaluate, an on-board RF antenna, and a USB connector. The USB connector is used to connect the dongle to a PC, to access the sub GHz RF module and to supply the dongle. The STEVAL-SP1ML868 and STEVALSP1ML915 downloaded firmware enables the user to create a SPIRIT1 link using simple AT commands. The SP1ML-based dongle is not qualified. It is a demonstration tool only, to be used strictly for evaluation purposes. It is not a product in itself. January 2015 DocID027158 Rev 1 1/9 For further information contact your local STMicroelectronics sales office

Features
■ Based on SPIRIT1 sub GHz modules SP1ML-868 and SP1ML-915
■ USB interface and power supply
■ RESET button
■ On-board antenna
■ RoHS compliant




Similar Part No. - STEVAL-SP1ML915

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
USB Dongle for the Bluetooth® class 2 SPBT2532C2.AT module
23-Feb-2011
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2532C2.AT2 module
25-Jun-2012
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2632C2A.AT2 module
25-Jun-2012
STEVAL-SPDC01V1 STMICROELECTRONICS-STEVAL-SPDC01V1 Datasheet
130Kb / 4P
10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
STEVAL-SPDC01V2 STMICROELECTRONICS-STEVAL-SPDC01V2 Datasheet
130Kb / 4P
10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
October 2009 Rev 2
More results


Similar Description - STEVAL-SP1ML915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
868 and 915MHz Drop-In RF Transceiver Modules
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
17-Oct-2016
STEVAL-IDI005V1 STMICROELECTRONICS-STEVAL-IDI005V1 Datasheet
235Kb / 5P
SP1ML 868 MHz wireless sensor board powered by a coin cell battery
26-Jan-2016
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
02-Jul-2015
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
AUREL S.p.A.
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com