Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML Datasheet (PDF) - STMicroelectronics

SP1ML Datasheet PDF - STMicroelectronics
Part # SP1ML
Download  SP1ML Download
File Size   777.38 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller

SP1ML Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1ML Datasheet PDF - STMicroelectronics

Part # SP1ML
Download  SP1ML Click to download

File Size   777.38 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller

SP1ML Datasheet (HTML) - STMicroelectronics


SP1ML Product details

Description
The SP1ML-868 and SP1ML-915 are ultra-low power & fully integrated RF modules operating respectively in the 868 MHz SRD and 915 MHz ISM bands. The SP1ML module is a compact-size module, integrating an on-board antenna with easy-to-use interface, allowing users to easily add wireless connectivity in designs without requiring in-depth RF experience, and has all necessary FCC modular approvals and CE compliance, reducing time-to-market. These modules are based on the SPIRIT1 RF sub-GHz transceiver (with integrated SMPS), STM32L1 microcontroller, integrated filter/balun and chip antenna. The UART host interface allows simple connection to an external microcontroller with a standard firmware, allowing AT commands to facilitate RF configuration, data transmission and reception, using simple point-topoint communication. Selected STM32L1 GPIO and peripherals are available for interfacing to external devices in the user application. Advanced features of the SPIRIT1 radio are also accessible. The serial wire debug interface (SWD) is also available. The modules are CE compliant and FCC certified (FCC ID S9NSP1ML).

Features
■ Complete RF-ready SPIRIT1 module based on: – SPIRIT1 low data rate, low power sub-GHz transceiver – STM32L1 Ultra low power microcontroller at 32 MHz (16 kB RAM and 128 kB Flash) – BALF-SPI-01D3 868/915 MHz balun with integrated harmonic filter – Integrated antenna and crystal
■ Compact size: 14 mm x 13.4 mm x 2.5 mm
■ 863 to 870 MHz operation (SP1ML-868)
■ 902 to 928 MHz operation (SP1ML-915)
■ Operates from a single 1.8 V to 3.6 V supply
■ Output power up to +11.6 dBm
■ Data rates up to 500 kbps
■ Modulation schemes: 2-FSK, GFSK, GMSK, OOK, and ASK
■ Operating temperature: -40 °C to 85 °C
■ UART interface with AT command set
■ FCC and CE regulatory approvals

Applications
■ Home & building automation
■ Wireless sensor network
■ Data acquisition equipment
■ Security systems
■ Mobile health and medical
■ Industrial monitor and control
■ Wireless metering, WMBUS
■ Internet of things (IoT)




Similar Part No. - SP1ML

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
Guitar or/and Bass Preamplifier
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
logo
Grayhill, Inc
SP1 GRAYHILL-SP1 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
Compact String Pot ??Voltage Divider
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
248Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Similar Description - SP1ML

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
STMicroelectronics
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
17-Oct-2016
STEVAL-IDS001V4M STMICROELECTRONICS-STEVAL-IDS001V4M Datasheet
268Kb / 6P
868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
02-Jul-2015
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com