Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IDS001V4M Datasheet (PDF) - STMicroelectronics

STEVAL-IDS001V4M Datasheet PDF - STMicroelectronics
Part # STEVAL-IDS001V4M
Download  STEVAL-IDS001V4M Download
File Size   268.69 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module

STEVAL-IDS001V4M Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IDS001V4M Datasheet PDF - STMicroelectronics

Part # STEVAL-IDS001V4M
Download  STEVAL-IDS001V4M Click to download

File Size   268.69 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module

STEVAL-IDS001V4M Datasheet (HTML) - STMicroelectronics


STEVAL-IDS001V4M Product details

Description
The STEVAL-IDS001V4M evaluation board is for the SPSGRF-868 ETSI certified module based on the low-power, low-rate, sub-1GHz SPIRIT1 transceiver. The SPSGRF-868 module integrates the Balun (BALF-SPI-01D3) and a chip antenna, and operates in the 868 MHz ISM band. The board is equipped with an STM32L low power microcontroller to control the SPIRIT1 and it also features a USB connector for PC GUI interaction and firmware updates, like the one available for SPIRIT1 evaluation kit. An SWD connector allows the development of specific firmware on the microcontroller.




Similar Part No. - STEVAL-IDS001V4M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDS001V5M STMICROELECTRONICS-STEVAL-IDS001V5M Datasheet
266Kb / 6P
Debug connector
17-Jul-2015
More results


Similar Description - STEVAL-IDS001V4M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
02-Aug-2012
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
11-Jul-2012
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
UM1872 STMICROELECTRONICS-UM1872 Datasheet
615Kb / 21P
Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
23-Jun-2015
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
logo
AUREL S.p.A.
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com