Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML Datasheet(PDF) 6 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 2Page - STMicroelectronics SP1ML Datasheet HTML 3Page - STMicroelectronics SP1ML Datasheet HTML 4Page - STMicroelectronics SP1ML Datasheet HTML 5Page - STMicroelectronics SP1ML Datasheet HTML 6Page - STMicroelectronics SP1ML Datasheet HTML 7Page - STMicroelectronics SP1ML Datasheet HTML 8Page - STMicroelectronics SP1ML Datasheet HTML 9Page - STMicroelectronics SP1ML Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Hardware specification
SP1ML
6/27
DocID026906 Rev 4
1
Hardware specification
General conditions (VIN = 3 V and TA = 25 °C).
1.1
Recommended operating conditions
1.2
Absolute maximum ratings
1.3
I/O operating characteristics
Table 1. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating ambient temperature range
-40
-
85
˚C
VDD
Operating supply voltage
1.8
3
3.6
V
FREQ
RF frequency (SP1ML-868)
863
-
870
MHz
FREQ
RF frequency (SP1ML-915)
902
-
928
MHz
Table 2. Absolute maximum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage temperature range
-40
-
85
˚C
VDD
Operating supply voltage
-0.3
-
3.9
V
VIO
I/O pin voltage
-0.3
-
5.5
V
Table 3. I/O operating characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
(1)
I/O input low level voltage
-0.3
-
0.3 VDD
V
VIH
(1)
I/O input high level voltage
0.7 VIN
-VDD+0.3
V
1.
For more details see the STM32L151RB datasheet, I/O port characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com