Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML Datasheet(PDF) 17 Page - STMicroelectronics

Part # SP1ML
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SP1ML Datasheet HTML 13Page - STMicroelectronics SP1ML Datasheet HTML 14Page - STMicroelectronics SP1ML Datasheet HTML 15Page - STMicroelectronics SP1ML Datasheet HTML 16Page - STMicroelectronics SP1ML Datasheet HTML 17Page - STMicroelectronics SP1ML Datasheet HTML 18Page - STMicroelectronics SP1ML Datasheet HTML 19Page - STMicroelectronics SP1ML Datasheet HTML 20Page - STMicroelectronics SP1ML Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID026906 Rev 4
17/27
SP1ML
Module operation
27
3.4
Configuration registers
The configuration registers contain the radio, packet and general configuration settings for
the module. They are read and written in command mode. Table 10 details each
configuration register.
ATR
Reset configuration to the default values
This command resets all module configuration registers to their factory default values.
Response: OK
ERROR if resetting the configuration failed.
ATZ
Restart the module
Restarts the module and reloads the current configuration. This generates a soft reset of the
microcontroller and start execution of the firmware from the reset vector.
Response: OK
AT/SRnn?
Read a SPIRIT1 radio register
Reads the current value from a SPIRIT1 radio register, where nn is the two digit
hexadecimal register address.
Response:
<ADDRESS>=<VALUE>
ERROR PARAM if an invalid register number is specified.
ERROR if reading the register failed.
AT/SRnn=xx
Write a SPIRIT1 radio register
Writes a new value to a SPIRIT1 radio register, where nn is the two digit hexadecimal
register address and xx is the two digit hexadecimal value to write.
Response: OK
ERROR PARAM if an invalid register number is specified.
ERROR if writing the register failed.
AT/Tn
Set RF test mode
Set the RF test mode, where n is the test mode number from one of the following options:
0 = Disable RF test mode.
1 = Pseudorandom binary sequence RF test mode (PN9).
2 = Continuous wave RF test mode (CW).
Response: OK if the test mode is set successfully
ERROR PARAM if an invalid test mode number is specified.
Table 9. Command reference (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com