Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-SPDC01V2 Datasheet (PDF) - STMicroelectronics

STEVAL-SPDC01V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-SPDC01V2
Download  STEVAL-SPDC01V2 Download
File Size   130.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010

STEVAL-SPDC01V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-SPDC01V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-SPDC01V2
Download  STEVAL-SPDC01V2 Click to download

File Size   130.29 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010

STEVAL-SPDC01V2 Datasheet (HTML) - STMicroelectronics


STEVAL-SPDC01V2 Product details

Description
The boards are based on a single module SPDC12L00010, high density 10 A DC-DC converter, that implements a complete step-down power supply. A single LGA package includes ST switching controller, power FETs, inductor and all the support components and it is able to operate over a wide input voltage range of 1.8 V to 14 V, supporting an output range of 0.6 V to 5 V. High level of integration and synchronous rectification allows this module to deliver up to 10 A continuous current at up to 93% efficiency, without external heat sink or airflow. The device is a complete standalone surface mount power supply, that can be handled and assembled like a standard integrated circuit. Moreover its low profile design permits to be soldered onto the back side of a printed circuit board, freeing up valuable board space. The SPDC12L00010 is self-protected against overvoltage and short-circuit conditions. A built-in adjustable soft-start and inhibit guarantee correct functionality whatever the load is. Pre-bias start up capability is in place as well Power Good output with programmable delay to avoid false signals. The device is packaged in a thermally enhanced, compact (15 x 15 mm) and low profile (3 mm) overmolded land grid array (LGA) package, suitable for automated assembly by standard surface-mount equipment. The demonstration boards are an essential tool for testing the module and it is Pb-Free and RoHS compliant. STEVAL-SPDC01V1 AM02123v1 STEVAL-SPDC01V2

Features
■ 10 A max output current
■ Input voltage range from 1.8 V to 14 V
■ Supply voltage range from 4.5 V to 14 V
■ Fixed or adjustable output voltage down to 0.6 V
■ Fixed frequency voltage mode control
■ Adjustable switching frequency
■ Soft-start and inhibit
■ Selectable UVLO threshold (5 V or 12 V bus)
■ Master/slave synchronization with 180° phase shift
■ Pre-bias startup capability
■ Selectable source/sink or source only capability after soft-start
■ Power Good output with programmable delay
■ Overvoltage protection with selectable latched/not-latched mode




Similar Part No. - STEVAL-SPDC01V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SP1ML915 STMICROELECTRONICS-STEVAL-SP1ML915 Datasheet
281Kb / 9P
USB dongle for SPIRIT1 low power RF modules SP1ML-868 and SP1ML-915
January 2015 Rev 1
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
USB Dongle for the Bluetooth® class 2 SPBT2532C2.AT module
23-Feb-2011
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2532C2.AT2 module
25-Jun-2012
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
USB dongle for the Bluetooth® class 2 SPBT2632C2A.AT2 module
25-Jun-2012
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
More results


Similar Description - STEVAL-SPDC01V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
28-Sep-2010
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
01-Jul-2009
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
logo
Bel Fuse Inc.
0RCY-F0S10X BEL-0RCY-F0S10X Datasheet
1Mb / 18P
Isolated DC-DC Convert
YEV09T20 BEL-YEV09T20 Datasheet
811Kb / 12P
20 A DC-DC POL Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com