Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 139Page - STMicroelectronics STM32F303CB Datasheet HTML 140Page - STMicroelectronics STM32F303CB Datasheet HTML 141Page - STMicroelectronics STM32F303CB Datasheet HTML 142Page - STMicroelectronics STM32F303CB Datasheet HTML 143Page - STMicroelectronics STM32F303CB Datasheet HTML 144Page - STMicroelectronics STM32F303CB Datasheet HTML 145Page - STMicroelectronics STM32F303CB Datasheet HTML 146Page - STMicroelectronics STM32F303CB Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
DocID023353 Rev 13
143/148
STM32F303xB STM32F303xC
Revision history
147
05-Dec-2012
4
Updated first page
Removed references to VDDSDx and VSSSD
Added reference to PM0214 in Section 1
Moved Temp. sensor calibartion values toTable 79 and VREF calibration
values to Table 29
Updated Table 3: STM32F303xx family device features and peripheral
counts
UpdatedSection 3.4: Embedded SRAM
Updated Section 3.2: Memory protection unit (MPU)
Updated Section 3.24: Universal serial bus (USB)
Modified Section 3.26: Touch sensing controller (TSC)
Updated heading of Table 11: USART features
Updated Table 16: STM32F302xB/STM32F302xC pin definitions
Added notes to PC13, PC14 and PC15 in Table 16:
STM32F302xB/STM32F302xC pin definitions
Updated Figure 11: Power supply scheme
Modified Table 21: Voltage characteristics
Modified Table 22: Current characteristics
Modified Table 24: General operating conditions
Modified Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’)
Updated Section 6.3.14: I/O port characteristics
Updated Table 30: Typical and maximum current consumption from VDD
supply at VDD = 3.6V and Table 31: Typical and maximum current
consumption from the VDDA supply
Updated Table 32: Typical and maximum VDD consumption in Stop and
Standby modes and Table 33: Typical and maximum VDDA consumption
in Stop and Standby modes
Updated Table 34: Typical and maximum current consumption from
VBAT supply
Added Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’)
Updated Table 35: Typical current consumption in Run mode, code with
data processing running from Flash and Table 36: Typical current
consumption in Sleep mode, code running from Flash or RAM
Added Table 38: Peripheral current consumption
Added Table 37: Switching output I/O current consumption
Updated Section 6.3.6: Wakeup time from low-power mode
Modified ESD absolute maximum ratings
Modified Table 55: Output voltage characteristics
Updated EMI characteristics
Updated Table 56: I/O AC characteristics
Updated Table 53: I/O current injection susceptibility
Updated Table 58: TIMx characteristics
Updated Section 7.4: WLCSP100 - 0.4 mm pitch wafer level chip scale
package information
Added Table 69: Maximum ADC RAIN
Added Table 70: ADC accuracy - limited test conditions, 100-pin
packages
Updated Table 64: ADC accuracy - limited test conditions 2)
Updated Table 75: DAC characteristics
Updated Table 77: Operational amplifier characteristics
Updated figures and tables in Section 7: Package information
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com