Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 140Page - STMicroelectronics STM32F303CB Datasheet HTML 141Page - STMicroelectronics STM32F303CB Datasheet HTML 142Page - STMicroelectronics STM32F303CB Datasheet HTML 143Page - STMicroelectronics STM32F303CB Datasheet HTML 144Page - STMicroelectronics STM32F303CB Datasheet HTML 145Page - STMicroelectronics STM32F303CB Datasheet HTML 146Page - STMicroelectronics STM32F303CB Datasheet HTML 147Page - STMicroelectronics STM32F303CB Datasheet HTML 148Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 145 / 148 page
background image
DocID023353 Rev 13
145/148
STM32F303xB STM32F303xC
Revision history
147
18-Apr-2014
8
Updated Table 50: EMI characteristics conditions :3.3v replaced by 3.6V.
Updated Section 6.3.17: Communications interfaces
I2C interface.
Updated Table 77: Operational amplifier characteristics adding
TS_OPAMP_VOUT row.
Updated Section 3.13: Fast analog-to-digital converter (ADC).
updated ARM and Cortex trademark.
Updated Table 32: Typical and maximum VDD consumption in Stop and
Standby modes with Max value at 85°C and 105°C.
Updated Table 70: ADC accuracy - limited test conditions, 100-pin
packages and Table 71: ADC accuracy, 100-pin packages for 100-pin
package.
Added Table 72: ADC accuracy - limited test conditions, 64-pin
packages and Table 73: ADC accuracy, 64-pin packagesfor 64-pin
package.
Added Table 74: ADC accuracy at 1MSPS for 1MSPS sampling
frequency.
Updated Table 63: SPI characteristics.
Updated Table 75: DAC characteristics.
09-Dec-2014
9
Updated core description in cover page.
Updated HSI characteristics Table 44: HSI oscillator characteristics and
Figure 18: HSI oscillator accuracy characterization results for soldered
parts.
Updated Table 58: TIMx characteristics.
Updated Table 16: STM32F302xB/STM32F302xC pin definitions adding
note for I/Os featuring an analog output function
(DAC_OUT,OPAMP_OUT).
Updated Table 68: ADC characteristics adding IDDA & IREF
consumptions.
Added Figure 32: ADC typical current consumption on VDDA pin and
Figure 33: ADC typical current consumption on VREF+ pin.
Added Section 3.8: Interconnect matrix.
Updated Figure 5: Clock tree.
Added note after Table 32: Typical and maximum VDD consumption in
Stop and Standby modes.
Updated Section : In order to meet environmental requirements, ST
offers these devices in different grades of ECOPACK® packages,
depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com. ECOPACK® is an ST trademark. with new LQFP100,
LQFP64, LQFP48 package marking.
Updated Table 16: STM32F302xB/STM32F302xC pin definitions and
alternate functions tables replacing usart_rts by usart_rts_de.
29-Jan-2015
10
Updated Section 6.3.20: Comparator characteristics modifying ts_sc
characteristics in Table 76 and adding Figure 37: Maximum VREFINT
scaler startup time from power down.
Updated IDD data in Table 42: HSE oscillator characteristics.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com