Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 140Page - STMicroelectronics STM32F303CB Datasheet HTML 141Page - STMicroelectronics STM32F303CB Datasheet HTML 142Page - STMicroelectronics STM32F303CB Datasheet HTML 143Page - STMicroelectronics STM32F303CB Datasheet HTML 144Page - STMicroelectronics STM32F303CB Datasheet HTML 145Page - STMicroelectronics STM32F303CB Datasheet HTML 146Page - STMicroelectronics STM32F303CB Datasheet HTML 147Page - STMicroelectronics STM32F303CB Datasheet HTML 148Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
DocID023353 Rev 13
147/148
STM32F303xB STM32F303xC
Revision history
147
06-May-2016
13
Updated Table 43: LSE oscillator characteristics (fLSE = 32.768 kHz)
LSEDRV[1:0] bits.
Updated Table 28: Embedded internal reference voltage VREFINT
internal reference voltage (min and typ values).
Updated Figure 5: STM32F303xB/STM32F303xC LQFP64 pinout
replacing VSS by PF4.
Updated Table 51: ESD absolute maximum ratings ESD CDM at class 3
and 4 including WLCSP100 package information.
Updated Table 13: STM32F303xB/STM32F303xC pin definitions:
– Adding ‘digital power supply’ in the Pin function column at the line
corresponding to K8/28/19 pins.
– Adding VSS digital ground line with WLCSP100 K9 and K10 pins
connected.
– Replacing in VDD line for WLCSP100: ‘A10, B10’ by ‘A9, A10, B10,
B8’.
Updated Figure 21: Five volt tolerant (FT and FTf) I/O input
characteristics - CMOS port.
Updated Table 77: Operational amplifier characteristics high saturation
and low saturation voltages.
Updated Table 13: STM32F303xB/STM32F303xC pin definitions adding
note ‘Fast ADC channel’ for ADCx_IN1..5.
Updated Table 75: DAC characteristics resistive load.
Updated Table 68: ADC characteristics adding CMIR parameter and
modifying tSTAB parameter characteristics.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com